Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32328A1256J059 Datasheet(PDF) 7 Page - EPCOS

Part # B32328A1256J059
Description  Film capacitors - AC capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32328A1256J059 Datasheet(HTML) 7 Page - EPCOS

  B32328A1256J059 Datasheet HTML 1Page - EPCOS B32328A1256J059 Datasheet HTML 2Page - EPCOS B32328A1256J059 Datasheet HTML 3Page - EPCOS B32328A1256J059 Datasheet HTML 4Page - EPCOS B32328A1256J059 Datasheet HTML 5Page - EPCOS B32328A1256J059 Datasheet HTML 6Page - EPCOS B32328A1256J059 Datasheet HTML 7Page - EPCOS B32328A1256J059 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Film capacitors – AC capacitors
Motor Run Capacitors
B32328 – MotorCap™
FK PC PM AC
July 2007
VR
V AC
CR
μF
Max. dimensions
d × l
mm
Ordering code
Packing units
pcs.
480
3
30 × 62
B32328A8305J0#*
112
4
30 × 62
B32328A8405J0#*
112
6
35 × 62
B32328A8605J0#*
84
7,5
35 × 62
B32328A8755J0#*
84
8
35 × 71
B32328A8805J0#*
84
10
40 × 71
B32328A8106J0#*
60
12
40 × 71
B32328A8126J0#*
60
15
45 × 71
B32328A8156J0#*
45
16
45 × 71
B32328A8166J0#*
45
20
45 × 71
B32328A8206J0#*
45
22
45 × 71
B32328A8226J0#*
45
25
45 × 95
B32328A8256J0#*
45
30
45 × 95
B32328A8306J0#*
45
35
45 × 95
B32328A8356J0#*
32
40
45 × 120
B32328A8406J0#*
45
45
50 × 120
B32328A8456J0#*
32
50
50 × 120
B32328A8506J0#*
32
Composition of ordering code:
#: Construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with fast fixation device, available for diameters 30 mm, 32 mm and 35 mm,
others on request
#: Wire length (dimension ‘b’ in drawing)
7
200 mm
9
300 mm
others on request
U Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for Power
Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to
prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are
kindly requested to approve our product specifications or request our approval for your specification before ordering.
Please read the important notes,
Page 7 of 8
cautions and warnings.


Similar Part No. - B32328A1256J059

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32328A1256J0 TDK-B32328A1256J0 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32328A1256J0 TDK-B32328A1256J0 Datasheet
128Kb / 8P
   Motor run capacitors
More results

Similar Description - B32328A1256J059

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com