Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43081A1226M008 Datasheet(PDF) 6 Page - EPCOS

Part # B43081A1226M008
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43081A1226M008 Datasheet(HTML) 6 Page - EPCOS

Back Button B43081A1226M008 Datasheet HTML 2Page - EPCOS B43081A1226M008 Datasheet HTML 3Page - EPCOS B43081A1226M008 Datasheet HTML 4Page - EPCOS B43081A1226M008 Datasheet HTML 5Page - EPCOS B43081A1226M008 Datasheet HTML 6Page - EPCOS B43081A1226M008 Datasheet HTML 7Page - EPCOS B43081A1226M008 Datasheet HTML 8Page - EPCOS B43081A1226M008 Datasheet HTML 9Page - EPCOS B43081A1226M008 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Single-ended capacitors
B43081
High ripple current – 105
°C
6
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
160
22
10
× 20
500
B43081A1226M***
33
10
× 20
500
B43081A1336M***
47
12.5
× 20
600
B43081A1476M***
47
12.5
× 25
670
B43081B1476M***
68
12.5
× 25
750
B43081A1686M***
100
16
× 25
1100
B43081A1107M***
200
4.7
8
× 11.5
158
B43081A2475M***
6.8
10
× 16
230
B43081A2685M***
10
10
× 16
310
B43081A2106M***
15
10
× 20
400
B43081A2156M***
22
10
× 20
500
B43081A2226M***
33
12.5
× 20
600
B43081A2336M***
47
12.5
× 20
600
B43081A2476M***
68
12.5
× 25
750
B43081A2686M***
68
16
× 20
750
B43081B2686M***
100
16
× 25
1100
B43081A2107M***
100
18
× 20
1100
B43081B2107M***
250
1.0
8
× 11.5
18
B43081F2105M***
4.7
10
× 16
200
B43081F2475M***
6.8
10
× 16
240
B43081F2685M***
10
10
× 16
300
B43081F2106M***
15
10
× 16
380
B43081F2156M***
22
10
× 20
500
B43081F2226M***
22
12.5
× 20
600
B43081G2226M***
33
12.5
× 20
600
B43081F2336M***
33
12.5
× 25
670
B43081G2336M***
47
12.5
× 25
700
B43081F2476M***
47
16
× 25
780
B43081G2476M***
68
16
× 25
1000
B43081F2686M***
68
18
× 35.5
1200
B43081G2686M***
100
18
× 25
1200
B43081F2107M***
350
10
10
× 20
250
B43081A4106M***
22
12.5
× 20
350
B43081A4226M***
33
16
× 20
500
B43081A4336M***
47
16
× 25
650
B43081A4476M***
68
18
× 25
800
B43081A4686M***


Similar Part No. - B43081A1226M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M008 EPCOS-B43081A1226M008 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B43081A1226M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com