Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B58601G5010A002 Datasheet(PDF) 3 Page - EPCOS

Part # B58601G5010A002
Description  Pressure sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58601G5010A002 Datasheet(HTML) 3 Page - EPCOS

  B58601G5010A002 Datasheet HTML 1Page - EPCOS B58601G5010A002 Datasheet HTML 2Page - EPCOS B58601G5010A002 Datasheet HTML 3Page - EPCOS B58601G5010A002 Datasheet HTML 4Page - EPCOS B58601G5010A002 Datasheet HTML 5Page - EPCOS B58601G5010A002 Datasheet HTML 6Page - EPCOS B58601G5010A002 Datasheet HTML 7Page - EPCOS B58601G5010A002 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pressure sensors
C41 series
Gauge pressure sensor die
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Technical data
Absolute maximum ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
Maximum supply voltage
VDD
Without damage
1)
10
V
Temperature ranges
2)
–40
135
°C
Operating temperature range
Ta
For t <15 min
–40
140
°C
Storage temperature range
Tst
3)
–40
150
°C
Pressure ranges
Operating pressure ranges
pr
Gauge pressure
4)
0 ... 25
0 ... 60
mbar
Over pressure
pov
Gauge pressure
5)
5
pr
Burst pressure
pberst
Gauge pressure
6)
10
pr
Electrical specifications
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage / bridge resistance
Operating supply voltage
VDD
7)
1.0
5.0
V
Total bridge resistance
RS
@ 25 °C
8)
4.0
5.0
6.0
kΩ
αRs
2.1
2.4
2.7
10
–3/K
Temperature coefficient
of total bridge resistance
βRs
@ 25 °C
9)
4
6
8
10
–6/K2
Output signal @ VDD = 5 V
Offset
V0
@ 25 °C
10)
–25
0
25
mV
Sensitivity
S
@ 25 °C
13)
See next table
mV/bar
αS
–2.5
–2.2
–1.9
10
–3/K
Temperature coefficient
of the sensitivity
βS
@ 25 °C
15)
3
5
8
10
–6/K2
Pressure hysteresis
pHys
16)
–0.1
0.1
% FS
Optional temperature sensing diode
Forward diode voltage
VF
@ 25 °C, IF = 50 µA
17)
550
600
650
mV
Temperature coefficient
of forward diode voltage
TCVF
@ 25 °C, IF = 50 µA
18)
–2.4
–2.2
–2.0
mV/K
Long-term stability (Full scale normal output FSON = 40 mV)
Temperature hysteresis of offset
THV0
19)
–1
±0.6
1
% FSON
Temperature cycle drift of offset
TCDV0
19)
–0.75
±0.3
0.75
% FSON
High temperature drift of offset
HTDV0
19)
–0.75
±0.3
0.75
% FSON
Long term stability of offset
LTSV0
19)
–1.4
±0.9
1.4
% FSON


Similar Part No. - B58601G5010A002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58601C5010A006 EPCOS-B58601C5010A006 Datasheet
116Kb / 8P
   Pressure sensors
B58601C5010A007 EPCOS-B58601C5010A007 Datasheet
116Kb / 8P
   Pressure sensors
B58601C5010A008 EPCOS-B58601C5010A008 Datasheet
116Kb / 8P
   Pressure sensors
B58601C5010A009 EPCOS-B58601C5010A009 Datasheet
116Kb / 8P
   Pressure sensors
B58601D8010A016 EPCOS-B58601D8010A016 Datasheet
115Kb / 8P
   Pressure sensors
More results

Similar Description - B58601G5010A002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com