Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B58601G5010A002 Datasheet(PDF) 6 Page - EPCOS

Part # B58601G5010A002
Description  Pressure sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58601G5010A002 Datasheet(HTML) 6 Page - EPCOS

  B58601G5010A002 Datasheet HTML 1Page - EPCOS B58601G5010A002 Datasheet HTML 2Page - EPCOS B58601G5010A002 Datasheet HTML 3Page - EPCOS B58601G5010A002 Datasheet HTML 4Page - EPCOS B58601G5010A002 Datasheet HTML 5Page - EPCOS B58601G5010A002 Datasheet HTML 6Page - EPCOS B58601G5010A002 Datasheet HTML 7Page - EPCOS B58601G5010A002 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pressure sensors
C41 series
Gauge pressure sensor die
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
12) Full scale value FS
o
max
r
out
V
)
p
(
V
FS
=
13) Sensitivity S
The sensitivity is defined for a bridge voltage power supply VDD = 5 V. It can be determined by the formula:
max
r
o
max
r
out
p
V
)
p
(
V
S
=
This parameter is tested for process control on samples, mounted on AK transducer package (AK2 series).
14) Nonlinearity L
This parameter may be influenced by assembly.
The nonlinearity is measured using the endpoint method. Assuming a characteristic, this can be approximated
by a polynomial of second order, where the maximum is at px = prmax/2. The nonlinearity is defined at px = prmax/2,
using the equation:
max
r
x
o
max
r
out
o
x
out
p
p
V
)
p
(
V
V
)
p
(
V
L
=
This parameter is tested for process control on samples, mounted on AK transducer package (AK2 series).
15) Temperature coefficient of sensitivity α
α
α
αS and β
β
β
βS:
These parameters may be influenced by assembly.
The temperature coefficients of sensitivity are tested for design verification on samples, mounted on AK transducer
package (AK2 series) over a reduced temperature range Tmeas,min = –20 °C to Tmeas,max = 80 °C with TR = 25 °C.
The temperature coefficients of first and second order are defined with the polynomial:
(
) (
)
°
β
+
°
α
+
°
=
=
2
S
S
C
25
T
C
25
T
1
)
C
25
T
(
S
)
T
(
S
The coefficients αS and βS are calculated using the three measurement points of S(T) at Tmeas,min, TR and Tmeas,max.
16) Pressure hysteresis pHys
The pressure hysteresis is the difference between output voltages at constant pressure and constant temperature while
applying a pressure cycle with pressure steps of pr, min, p1, p2, p3, pr,max, p3, p2, p1, pr, min:
FS
)
p
(
V
)
p
(
V
pHys
k
1
,
out
k
2
,
out
=
With k = min, 1, 2, 3, max. The pressure steps are: prmin = 0, p1 = 0.25·pr,max, p2 = 0.5·pr,max, p3 = 0.75·pr, max, pr,max.
This parameter is tested for design verification on samples, mounted on AK transducer package (AK2 series).
17) Forward diode voltage V
F
The voltage drop is measured across anode and cathode by a forward current of 47 µA.
This parameter is tested completely on a wafer (wafer level test measurement).
18) Temperature coefficient of forward diode voltage TCV
F
The temperature sensitivity of diode voltage drop is defined by the measured values at –20 °C and 80 °C
using the equation:
min
,
meas
max
,
meas
min
,
meas
F
max
,
meas
F
F
T
T
)
T
(
V
)
T
(
V
TCV
=
With Tmeas,min = –20 °C and Tmeas,max = 80 °C and the measurement is done with a constant current of 50 µA.
The estimated temperature coefficient is also valid at temperatures between –40 °C and 135 °C.
This parameter is tested for design verification on samples, mounted on AK transducer package (AK2 series).
19) Reliability data
For long-term stability of offset voltage LTSV0 please refer to the defined Aktiv Sensor’s standard AS100001 in chapter
“Reliability data” on the internet.


Similar Part No. - B58601G5010A002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58601C5010A006 EPCOS-B58601C5010A006 Datasheet
116Kb / 8P
   Pressure sensors
B58601C5010A007 EPCOS-B58601C5010A007 Datasheet
116Kb / 8P
   Pressure sensors
B58601C5010A008 EPCOS-B58601C5010A008 Datasheet
116Kb / 8P
   Pressure sensors
B58601C5010A009 EPCOS-B58601C5010A009 Datasheet
116Kb / 8P
   Pressure sensors
B58601D8010A016 EPCOS-B58601D8010A016 Datasheet
115Kb / 8P
   Pressure sensors
More results

Similar Description - B58601G5010A002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com