Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43504A9227M007 Datasheet(PDF) 11 Page - EPCOS

Part # B43504A9227M007
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A9227M007 Datasheet(HTML) 11 Page - EPCOS

Back Button B43504A9227M007 Datasheet HTML 7Page - EPCOS B43504A9227M007 Datasheet HTML 8Page - EPCOS B43504A9227M007 Datasheet HTML 9Page - EPCOS B43504A9227M007 Datasheet HTML 10Page - EPCOS B43504A9227M007 Datasheet HTML 11Page - EPCOS B43504A9227M007 Datasheet HTML 12Page - EPCOS B43504A9227M007 Datasheet HTML 13Page - EPCOS B43504A9227M007 Datasheet HTML 14Page - EPCOS B43504A9227M007 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
3) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R3)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
330
25
× 55
270
330
4.02
3.08
1.49
B43504C9337M0*#
330
30
× 45
270
330
4.05
3.10
1.50
B43504A9337M0*#
330
35
× 35
270
330
4.07
3.12
1.51
B43504B9337M0*#
390
30
× 50
220
280
4.59
3.50
1.70
B43504A9397M0*#
390
35
× 40
220
280
4.64
3.54
1.72
B43504B9397M0*#
470
30
× 55
190
240
5.21
3.90
1.93
B43504B9477M0*#
470
35
× 45
190
240
5.40
4.10
2.00
B43504A9477M0*#
560
35
× 50
160
200
6.02
4.60
2.23
B43504A9567M0*#
680
35
× 55
130
160
6.88
5.16
2.55
B43504A9687M0*#
VR = 420 V DC
82
22
× 30
1650
1950
1.48
1.12
0.55
B43504A0826M0*#
100
22
× 35
1350
1600
1.72
1.31
0.64
B43504A0107M0*#
100
25
× 30
1350
1600
1.75
1.34
0.65
B43504E0107M0*#
120
22
× 40
1130
1330
1.99
1.51
0.74
B43504A0127M0*#
120
25
× 30
1130
1330
1.94
1.47
0.72
B43504E0127M0*#
150
25
× 35
900
1070
2.29
1.74
0.85
B43504A0157M0*#
150
30
× 30
900
1070
2.37
1.80
0.88
B43504E0157M0*#
180
25
× 40
750
890
2.64
2.00
0.98
B43504A0187M0*#
180
30
× 30
750
890
2.59
1.97
0.96
B43504E0187M0*#
220
25
× 45
610
730
3.05
2.31
1.13
B43504A0227M0*#
220
30
× 35
610
730
3.02
2.29
1.12
B43504E0227M0*#
270
25
× 55
500
590
3.64
2.73
1.35
B43504B0277M0*#
270
30
× 40
500
590
3.51
2.66
1.30
B43504A0277M0*#
330
30
× 45
410
490
4.05
3.08
1.50
B43504A0337M0*#
330
35
× 35
410
490
4.10
3.11
1.52
B43504E0337M0*#
390
30
× 50
350
410
4.59
3.48
1.70
B43504A0397M0*#
390
35
× 40
350
410
4.64
3.54
1.72
B43504E0397M0*#
470
35
× 45
290
340
5.31
4.05
1.97
B43504A0477M0*#
560
35
× 50
240
290
6.02
4.52
2.23
B43504A0567M0*#
B43504
Compact
105
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43504A9227M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A9227M007 EPCOS-B43504A9227M007 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43504A9227M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com