Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-5338AC-C490-HFS Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-5338AC-C490-HFS
Description  Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5338AC-C490-HFS Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-5338AC-C490-HFS Datasheet HTML 1Page - Optoway Technology Inc DL-5338AC-C490-HFS Datasheet HTML 2Page - Optoway Technology Inc DL-5338AC-C490-HFS Datasheet HTML 3Page - Optoway Technology Inc DL-5338AC-C490-HFS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
DL-53X8AC-CXX0
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
DL-53X8AC-CXX0 Series
Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
****************************************************************************************************************************************************************
DESCRIPTION
DL-53X8AC-CXX0 series are designed for coupling a single mode optical fiber with 1470 ~ 1610 nm
CWDM MQW-DFB uncooled laser diode. DL-53X8AC-CXX0 series are the best kits as light source for
analog application, such as optical repeater for CDMA mobile communication.
FEATURES
8-Channel CWDM : from 1470 nm to 1610 nm, each Step 20 nm
Uncooled DFB Laser Diode with MOW Structure
High Reliability, Long Operation Life
Single Frequency Operation with High SMSR
-20 to 75℃ operation without active cooling
Built-in InGaAs monitor photodiode
Low Inter-modulation Distortion
Built-in isolator
CHARACTERISTICS
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC = 25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW, Room Temperature
CW, Over Temperature
10
15
50
mA
mA
Iop
Operation Current
CW, Room Temperature
CW, Over Temperature
50
100
mA
mA
Vop
Operating Voltage
CW, IF=Iop
1.2
1.5
V
Pf
Optical Output Power
Part No.:DL-5338AC
DL-5348AC
DL-5358AC
CW, IF=Iop
2.0
3.0
4.0
mW
mW
mW
λc
Central Wavelength
CW, IF=Iop
λ-3
λ
λ+2
nm
SMSR
Side Mode Suppression Ratio
CW, IF=Iop
30
35
nm
ΔPf/ Pf Tracking Error
APC, -20~75 ℃
-1
1
dB
Im
PD monitor Current
CW, IF=Iop, VRD=1V
100
1500
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
VRD=5V, f=1 MHz
10
15
pF
IMD3
Third-Order Intermodulation
(*1)
-56
dBc
RIN
Relative Intensity Noise
f=50~1000 MHz
-145
dB/Hz
Iso
Optical Isolation
λ=λc
30
dB
Note: *1 2-tone (936 MHz and 958 MHz), OMI=0.2 for each RF Channel.


Similar Part No. - DL-5338AC-C490-HFS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5338AC-HFAS OPTOWAY-DL-5338AC-HFAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-5338AC-HFAS OPTOWAY-DL-5338AC-HFAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5338AC-HFS OPTOWAY-DL-5338AC-HFS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-5338AC-HFS OPTOWAY-DL-5338AC-HFS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-5338AC-HLAS OPTOWAY-DL-5338AC-HLAS Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
More results

Similar Description - DL-5338AC-C490-HFS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-53X8AW-CXX0 OPTOWAY-DL-53X8AW-CXX0 Datasheet
92Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD forWide-Band CDMA application
DL-53X8AR-CXX0 OPTOWAY-DL-53X8AR-CXX0 Datasheet
93Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-5338AR-CXX0 OPTOWAY-DL-5338AR-CXX0 Datasheet
88Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
DL-53X8AC OPTOWAY-DL-53X8AC Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-3338AC OPTOWAY-DL-3338AC Datasheet
91Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0_09 Datasheet
81Kb / 4P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com