Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43081G2226M008 Datasheet(PDF) 7 Page - EPCOS

Part # B43081G2226M008
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43081G2226M008 Datasheet(HTML) 7 Page - EPCOS

Back Button B43081G2226M008 Datasheet HTML 3Page - EPCOS B43081G2226M008 Datasheet HTML 4Page - EPCOS B43081G2226M008 Datasheet HTML 5Page - EPCOS B43081G2226M008 Datasheet HTML 6Page - EPCOS B43081G2226M008 Datasheet HTML 7Page - EPCOS B43081G2226M008 Datasheet HTML 8Page - EPCOS B43081G2226M008 Datasheet HTML 9Page - EPCOS B43081G2226M008 Datasheet HTML 10Page - EPCOS B43081G2226M008 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Single-ended capacitors
B43081
High ripple current – 105
°C
7
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
400
1.0
6.3
× 11.5
18
B43081A9105M***
2.2
8
× 15
108
B43081A9225M***
3.3
8
× 15
108
B43081A9335M***
3.3
8
× 20
121
B43081B9335M***
4.7
10
× 20
180
B43081A9475M***
6.8
10
× 20
220
B43081A9685M***
6.8
12.5
× 20
240
B43081B9685M***
10
10
× 20
250
B43081A9106M***
10
12.5
× 20
270
B43081B9106M***
15
16
× 25
400
B43081A9156M***
22
12.5
× 25
400
B43081A9226M***
22
16
× 25
500
B43081B9226M***
33
16
× 25
600
B43081A9336M***
33
16
× 31.5
670
B43081B9336M***
47
16
× 35.5
750
B43081A9476M***
47
18
× 25
750
B43081B9476M***


Similar Part No. - B43081G2226M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081G2226M008 EPCOS-B43081G2226M008 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B43081G2226M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com