Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA0410R27ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # AA0410R27ML
Description  AXIAL INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0410R27ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  AA0410R27ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp AA0410R27ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
d﹒Coating: Epoxy resin
b﹒Wire:Enamelled copper wire ( class B )
a﹒Core:Ferrite DR core
Ⅲ﹒MATERIALS:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
SPECIFICATION FOR APPROVAL
b﹒Ambient temp:60℃ max.
a﹒Temp. rise:20℃ max.
Ⅳ﹒GENERAL SPECIFICATION:
Ⅱ﹒SCHEMATIC DIAGRAM:
PROD.
NAME
AXIAL INDUCTOR
PAGE: 1
C
B
※Color code :
1st Color:First Significant Figure
2nd Color:Second Significant Figure
3rd Color:Muliplier
c﹒Operating temp:-55℃---- 105℃
d﹒Terminal tensile strength:2.5 KG min
e﹒Terminal bending strength:0.5 KG min
f﹒Dielectric withstanding voltage:500 Vrms
g﹒Rated current:Base on temp rise
4th Color:Tolerance
A
:
4.0 max.
B
: 10.5 max.
C
: 61.0 ref.
W :
0.65
m/m
m/m
m/m
m/m
a
d
c
b
AR-001A
c﹒Terminal:Cu/Ni/Sn
e﹒Remark:Products comply with RoHS' requirements
REF : 20080714-B
ψ
D
D
: 25.4 min.
m/m
ABC'S ITEM NO.
ABC'S DWG NO.
AA0410□□□□L□-□□□


Similar Part No. - AA0410R27ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0400-20-3X BARRY-AA0400-20-3X Datasheet
569Kb / 1P
   Aluminum Nitride
04/23/08
AA0400-50-1X BARRY-AA0400-50-1X Datasheet
187Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
logo
YAGEO Corporation
AA0402DK-07100R YAGEO-AA0402DK-07100R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA0402DK-07100RL YAGEO-AA0402DK-07100RL Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AA0402DK-0710M YAGEO-AA0402DK-0710M Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA0410R27ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com