Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA0307820KL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # AA0307820KL
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0307820KL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  AA0307820KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0307820KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0307820KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0307820KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0307820KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0307820KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MW81-C
MW75C
130
220
____
____
Polyamideimide
Polyurethane
AIW
CFUEWB
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
Modified Polyester
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
fies base coated magnet wire twisted together and covered with top coat overall.
See General Information Preceding These Recognitions
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
____
UEY
AR-001A
287806002
Recognized Component Mark.
Marking: Company name or trademarks
UEY-2
____
SF.EILOCKY#
SF.EILOCKBS
287806002
SFFY
UEW-4
UEW-2
UEW-1
Dsg
Mtl
SF.BW@
SFFW
Dsg
____
____
Mark
____
____
____
____
____
____
EILOCKW
EILOCKY
FL.EILOCKY
SF.BLOCKBS
SF.FLY@
LSFFW
SF.EIW
SF.BY@
PEY
PEW
SF.FLW
LSUEW
EIW
EIW-2
EIAIW
____
____
____
____
____
____
____
____
____
____
____
____
____
____
____
MW28-C
130
Nylon
Polyurethane
September 8 , 2000
OBMW2⁄E174837
, material designation or marked designation on packaed or reel, and
Polyamide
Page 2 of 2
榮星電線
or
Polyurethane
MW28-C
130
MW35C
MW26C
MW77C
MW27-C
MW79-C
MW24-C
MW26C
MW79
MW27-C
A not-for-profit organization
dedicated to public safety and
committed to quality service
MW74-C
___
Polyester
Polyamide
Polyamide
Polyurethane
Polyurethane
Polyurethane
Polyurethane
BC
Coat Typ
Polyesterimide
Polyesterimide
Polyurethane
Page 1 of 2
____
____
____
OC
MW80C
MW75C
___
MW2-C
Type
ANSI
Polyamide
Polyamide
Modified
____
___
Polyamideimide
Polyurethane
Polyesterimide
Polyesterimide
Modified
Polyurethane
Polyester
Polyester
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
___
____
____
Modified
Nylon
Nylon
Nylon
____
____
___
___
____
Epoxy
Polyamide
____
____
Modified
Polyamide
___
___
___
___
155
130
130
105
Temp
Class
155
155
180
180
155
180
155
155
155
130
155
155
155
220
155
200
200
200
180
AXIAL INDUCTOR
JUNG SHING WIRE CO LTD
SPECIFICATION FOR APPROVAL
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
REF : 20091221-C
PROD.
NAME
Ⅸ﹒UL CARD:
OBMW2
HSIEN TAIWAN
Magnet Wire-Component
Mtl
Dsg
____
Dsg
Mark
September 8, 2000
BC
Coat Typ
____
OC
ANSI
Type
ABC'S DWG NO.
ABC'S ITEM NO.
E174837
Class
Temp
AA0307□□□□L□-□□□
PAGE: 6


Similar Part No. - AA0307820KL

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0300-10-3X BARRY-AA0300-10-3X Datasheet
190Kb / 1P
   Aluminum Nitride
8/28/07
AA0300-100-13X BARRY-AA0300-100-13X Datasheet
81Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA0300-150-1X BARRY-AA0300-150-1X Datasheet
189Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
More results

Similar Description - AA0307820KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com