Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXH003A0X-SRZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # APXH003A0X-SRZ
Description  2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APXH003A0X-SRZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  APXH003A0X-SRZ Datasheet HTML 1Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 2Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 3Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 4Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 5Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 6Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 7Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 8Page - Lineage Power Corporation APXH003A0X-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Data Sheet
September 9, 2009
Pico TLynxTM 3A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
LINEAGE POWER
4
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO=0.8IO, max, TA=40°C) Telcordia Issue 2 Method
1 Case 3
16,139,760
Hours
Weight
1.55 (0.0546)
g (oz.)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Units
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device is with suffix “4” – Positive Logic (See Ordering
Information)
Logic High (Module ON)
Input High Current
All
IIH
10
µA
Input High Voltage
All
VIH
1.2
VIN,max
V
Logic Low (Module OFF)
Input Low Current
All
IIL
0.3
mA
Input Low Voltage
All
VIL
-0.3
0.3
V
Device Code with no suffix – Negative Logic (See Ordering
Information)
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
1
mA
Input High Voltage
All
VIH
VIN – 0.8
VIN, max
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
0.2
mA
Input Low Voltage
All
VIL
-0.2
VIN – 1.6
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
2
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
2
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
5
msec
Output voltage overshoot (TA = 25
oC
3.0
% VO,
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
Over Temperature Protection
All
Tref
140
°C
(See Thermal Considerations section)
Sequencing Delay time
Delay from VIN, min to application of voltage on SEQ
pin
APTH
TsEQ-delay
10
msec
Tracking Accuracy
(Power-Up: 2V/ms)
APTH
VSEQ –Vo
100
mV
(Power-Down: 2V/ms)
APTH
VSEQ –Vo
100
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)


Similar Part No. - APXH003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APXH003A0X-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
APTH012A0X3-SRZ LINEAGEPOWER-APTH012A0X3-SRZ Datasheet
643Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com