Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL10055N6DL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # AL10055N6DL
Description  THIN FILM CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AL10055N6DL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  AL10055N6DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AL10055N6DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AL10055N6DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AL10055N6DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AL10055N6DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp AL10055N6DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
no component
Leader
200 m/m min.
( 1 ) Configuration
07 - 08
Style
( 2 ) Dimensions
Ⅵ﹒PACKAGING INFORMATION:
Series
AL1005
( 3 ) Q'TY & G.W. Per pcakage
REF : 20080424-A
THIN FILM CHIP INDUCTOR
AR-001A
End
PROD.
NAME
400 m/m min.
Components
Unit:m/m
12.5
User direction of feed
Inner : Reel
G.W. (gw)
10,000
Q'TY (pcs)
07 - 08
60
Style
21±0.8
178
A
BC
13
Outer : Carton
500,000
Q'TY (pcs)
5.5
G.W. (Kg)
41x 39 x 22
Size (cm)
D
8
G
10 +0
N
-0
50
T
no component
Cover Tape
AL1005□□□□L□-□□□
4 m/m
G
P:2 m/m
C
Trailer
Carrier tape width : D
Emobossed Carrier
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
2.0±0.5
T
Start
D
PAGE: 3


Similar Part No. - AL10055N6DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL100 ETC1-AL100 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Altech corporation
AL1006-3 ALTECH-AL1006-3 Datasheet
89Kb / 1P
   ALUMINUM ENCLOSURE AL 1006-3
More results

Similar Description - AL10055N6DL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com