Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL160818NJL Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # AL160818NJL
Description  THIN FILM CHIP INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AL160818NJL Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  AL160818NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AL160818NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AL160818NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AL160818NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AL160818NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AL1608□□□□L□-□□□
SPECIFICATION FOR APPROVAL
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
AR-001A
Resistance test
High temp.
Humidity Test
( Temp. cycle )
Thermal shock test
Applied current : Per spec.
Time : 96 hours
Temperature : 125±5℃
not change more
Electrical oharacteristics shall
than ±20%
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
Room temp.
15 minutes
15 minutes
Room temp.
REF : 20080424-A
PROD.
NAME
Ⅷ﹒RELIABILITY TEST:
Solderability
THIN FILM CHIP INDUCTOR
Specification
terminal electrode
Shall be covered
More than 95% of the
With fresh solder.
Test item
Test condition
Flux : Rosin
Dip time : 5±0.5 seconds
Solder temp. : 235±5℃
Preheat : 155
/ 4 hours.
ABC'S DWG No.
ABC'S ITEM No.
30 minutes
+125 ℃
30 minutes
-55 ℃
PAGE: 5


Similar Part No. - AL160818NJL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL16 ETC2-AL16 Datasheet
722Kb / 6P
   Lock Kit for Cla mp Cover Junction Boxes
logo
Altech corporation
AL1616-9 ALTECH-AL1616-9 Datasheet
98Kb / 1P
   ALUMINUM ENCLOSURE AL 1616-9
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
   SINGLE STAGE DIMMABLE LED CONTROLLER
AL1663 DIODES-AL1663 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
AL1663R DIODES-AL1663R Datasheet
436Kb / 15P
   SINGLE STAGE DIMMABLE LED CONTROLLER
More results

Similar Description - AL160818NJL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com