Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B58621K0520A005 Datasheet(PDF) 6 Page - EPCOS

Part # B58621K0520A005
Description  Pressure sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58621K0520A005 Datasheet(HTML) 6 Page - EPCOS

  B58621K0520A005 Datasheet HTML 1Page - EPCOS B58621K0520A005 Datasheet HTML 2Page - EPCOS B58621K0520A005 Datasheet HTML 3Page - EPCOS B58621K0520A005 Datasheet HTML 4Page - EPCOS B58621K0520A005 Datasheet HTML 5Page - EPCOS B58621K0520A005 Datasheet HTML 6Page - EPCOS B58621K0520A005 Datasheet HTML 7Page - EPCOS B58621K0520A005 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pressure sensors
Pressure transmitters without casing (current output)
CAU-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Ta
An operation of the pressure sensor within the temperature range Ta,min up to Ta,max
will not affect the performance of the pressure sensor.
3)
Compensated temperature range Tc
While operating the pressure sensor within the temperature range Tc,min up to Tc,max,
the deviation of the output signal from the values at 25 °C will not exceed the temperature coefficients.
Out of the compensated temperature range, the deviations may increase.
4)
Rated pressure pr
Within the rated pressure range 0 up to pr (symmetrical output: –pr up to +pr) the signal output characteristic corresponds
to this specification.
5)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
6)
Supply voltage VCC
VCC,max is the maximum permissible supply voltage, which can be applied without damages.
VCC,min is the minimum required supply voltage, which has to be applied for normal operation.
7)
Working resistance RL
Depending on VS, the maximum working resistance is RL ≤ (VS – 10 V) / 0.02 A.
8)
DC break down voltage Vis
The pressure sensor withstands a high voltage between the stainless steel casing and the electrical connection
I+ and I– (short circuited) without damage.
9)
Offset ICC0
The offset ICC0 is the signal output ICC(p = 0) at zero pressure.
10) Signal span (Full Scale)
Simple output:
IFS = FS = ICC(pr) – ICC0
Symmetrical output:
IFS = FS = ICC(+pr) – ICC(–pr)
11) Nonlinearity L (including pressure hysteresis)
The nonlinearity is the deviation of the real sensor characteristic Icc = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2.
The equation to calculate the nonlinearity is:
r
x
0
cc
r
cc
0
cc
x
cc
p
p
I
)
p
(
I
I
)
p
(
I
L
=
12) Response time t
10-90
Delay between a pressure change (10 ... 90% pr) and the corresponding signal output change (10 ... 90% FS).
13) Supply voltage rejection SVR
While varying the supply voltage within the range VCC,min up to VCC,max at constant pressure and temperature,
the signal output change will not exceed SVRmax.
14) Temperature hysteresis
The temperature hysteresis is the change of offset, starting from the value at 25 °C after a temperature change
and return to 25 °C. Determined during temperature cycles in operating temperature range (cycles with 1 K/min).
15) Temperature coefficient of offset TCI
CC0
Offset at temperature Tx: ICC0(Tx) = ICC0(25 °C) + IFS(25 °C) · (Tx – 25 °C) · TCICC0
Values are valid within the compensated temperature range Tc,min up to Tc,max
Out of the compensated temperature range, the deviation may increase.
16) Temperature coefficient of span TCI
FS
Span at temperature Tx: IFS(Tx) = IFS(25 °C) · [ 1 + (Tx – 25 °C) · TCIFS ]
Values are valid within the compensated temperature range Tc,min up to Tc,max
Out of the compensated temperature range, the deviation may increase.


Similar Part No. - B58621K0520A005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58621K0510A006 EPCOS-B58621K0510A006 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A007 EPCOS-B58621K0510A007 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A008 EPCOS-B58621K0510A008 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A009 EPCOS-B58621K0510A009 Datasheet
130Kb / 8P
   Pressure sensors
B58621K0510A010 EPCOS-B58621K0510A010 Datasheet
130Kb / 8P
   Pressure sensors
More results

Similar Description - B58621K0520A005

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com