Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA0307R39ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # AA0307R39ML
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0307R39ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  AA0307R39ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0307R39ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0307R39ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0307R39ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0307R39ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0307R39ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REF : 20091221-C
Ⅶ﹒PACKAGING INFORMATION FOR ALA HORIZONTAL TAPING IN REEL
( 1 ) Configuration
Series
( 3 ) Q'TY & G.W. Per package
( 2 ) Dimensions
AA0307
AR-001A
NAME
PROD.
Specification
Item
Specification
Item
1.00 ( max. )
1.00 ( max. )
Size (cm)
37.9 x 37.9 x 37.3
Size ( m/m )
370 x 370 x 85
G.W. (gw)
Q'TY (pcs)
5,000
H
Inner : Reel
1,600
2.50 ( max. )
D
E
C
B
A
26.00±1.50
0.50 ( max. )
6.00±1.00
52.00±1.50
5.00±0.50
G.W. (Kg)
Q'TY (pcs)
20,000
Outer : Carton
8.0
R
T
K
F
G
15.00±0.50
71.00±3.00
355.00±0.50
C
E
AA0307□□□□L□-□□□
K
Unit:m/m
R
D
G
A
H
C
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
AXIAL INDUCTOR
F
Label
PAGE: 4


Similar Part No. - AA0307R39ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0300-10-3X BARRY-AA0300-10-3X Datasheet
190Kb / 1P
   Aluminum Nitride
8/28/07
AA0300-100-13X BARRY-AA0300-100-13X Datasheet
81Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA0300-150-1X BARRY-AA0300-150-1X Datasheet
189Kb / 1P
   Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
More results

Similar Description - AA0307R39ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com