Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41043A6127M016 Datasheet(PDF) 11 Page - EPCOS

Part # B41043A6127M016
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41043A6127M016 Datasheet(HTML) 11 Page - EPCOS

Back Button B41043A6127M016 Datasheet HTML 7Page - EPCOS B41043A6127M016 Datasheet HTML 8Page - EPCOS B41043A6127M016 Datasheet HTML 9Page - EPCOS B41043A6127M016 Datasheet HTML 10Page - EPCOS B41043A6127M016 Datasheet HTML 11Page - EPCOS B41043A6127M016 Datasheet HTML 12Page - EPCOS B41043A6127M016 Datasheet HTML 13Page - EPCOS B41043A6127M016 Datasheet HTML 14Page - EPCOS B41043A6127M016 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Single-ended capacitors
B41043
Very low impedance – 105
°C
11 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
25
1800
12.5
× 35.5
0.026
1960
B41043A5188M***
2200
12.5
× 40
0.024
2120
B41043A5228M***
2700
16
× 31.5
0.022
2220
B41043A5278M***
3300
16
× 35.5
0.020
2410
B41043A5338M***
3900
16
× 40
0.019
2530
B41043A5398M***
4700
18
× 40
0.018
2260
B41043A5478M***
35
22
5
× 11
0.750
85
B41043A7226M***
27
5
× 11
0.600
99
B41043A7276M***
33
6.3
× 11
0.490
125
B41043A7336M***
39
6.3
× 11
0.410
140
B41043A7396M***
47
6.3
× 11
0.340
160
B41043A7476M***
56
6.3
× 11
0.280
180
B41043A7566M***
68
6.3
× 15
0.240
230
B41043A7686M***
82
6.3
× 15
0.190
265
B41043A7826M***
100
8
× 11.5
0.160
305
B41043A7107M***
120
8
× 15
0.140
370
B41043A7127M***
150
8
× 15
0.120
415
B41043A7157M***
180
8
× 20
0.100
520
B41043A7187M***
220
8
× 20
0.085
580
B41043A7227M***
270
10
× 20
0.070
735
B41043A7277M***
330
10
× 20
0.060
810
B41043A7337M***
390
10
× 25
0.055
955
B41043A7397M***
470
10
× 31.5
0.046
1130
B41043A7477M***
560
12.5
× 20
0.041
1160
B41043A7567M***
680
12.5
× 25
0.036
1370
B41043A7687M***
820
12.5
× 25
0.032
1490
B41043A7827M***
1000
12.5
× 31.5
0.029
1710
B41043A7108M***
1200
12.5
× 35.5
0.026
1920
B41043A7128M***
1500
12.5
× 40
0.024
2120
B41043A7158M***
1800
16
× 31.5
0.022
2220
B41043A7188M***
2200
16
× 35.5
0.020
2410
B41043A7228M***
2700
16
× 40
0.018
2610
B41043A7278M***
3300
18
× 40
0.017
2730
B41043A7338M***


Similar Part No. - B41043A6127M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41041A2107M000 EPCOS-B41041A2107M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M006 EPCOS-B41041A2107M006 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M008 EPCOS-B41041A2107M008 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2107M016 EPCOS-B41041A2107M016 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
B41041A2108M000 EPCOS-B41041A2108M000 Datasheet
1,014Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41043A6127M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com