Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-5100 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # PD-5100
Description  1.55 關m WDM PIN PHOTODIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-5100 Datasheet(HTML) 1 Page - Optoway Technology Inc

  PD-5100_09 Datasheet HTML 1Page - Optoway Technology Inc PD-5100_09 Datasheet HTML 2Page - Optoway Technology Inc PD-5100_09 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
PD-5100
****************************************************************************************************************************************************************
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw 4/9/2009 V2.0
1.55
μm WDM PIN PHOTODIODES
PD-5100 SERIES
************************************************************************************************************************************************************
FEATURES
High responsivity at 1550 nm
High attenuation at 1310 nm
Low dark current
Quick pulse response
Hermetically sealed 3-pin metal case
Active diameter 75 μm
DESCRIPTION
PD-5100 series Photodiode are suited to receive the light at the wavelength 1550 nm. With high reliability
and high isolation between 1310 nm and 1550 nm (at least 30 dB), PD-5100 series are the best choice for
1550 nm / 1310 nm WDM telecom and datacom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Active Area
75
μ
m
Detection Range
1480
1550
1600
nm
R
Responsivity
VR=5V, λ=1550nm
λ=1310nm
0.8
0.85
-
-
0.005
A/W
Idark
Dark Current
VR=5V
0.3
0.7
nA
C
Capacitance
VR=5V
0.7
0.9
pF
Tr /Tf
Rise/Fall Time
VR=5V, 10~90%
0.3
ns
BW
Bandwidth
VR=5V
2
GHz
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
10
mW
VRD
Reverse Voltage
20
V
IFD
Forward Current
10
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - PD-5100_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-5100-100 OPTOWAY-PD-5100-100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-5100-100 OPTOWAY-PD-5100-100 Datasheet
126Kb / 3P
   InGaAs PIN PHOTODIODES
PD-5100-100N OPTOWAY-PD-5100-100N Datasheet
126Kb / 3P
   InGaAs PIN PHOTODIODES
PD-5100-150 OPTOWAY-PD-5100-150 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-5100-150 OPTOWAY-PD-5100-150 Datasheet
126Kb / 3P
   InGaAs PIN PHOTODIODES
More results

Similar Description - PD-5100_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
   1.55 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100_09 Datasheet
129Kb / 3P
   1.3 關m WDM PIN PHOTODIODES
PT-53100 OPTOWAY-PT-53100 Datasheet
92Kb / 2P
   5V / 1.55 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-53130 OPTOWAY-PT-53130 Datasheet
95Kb / 2P
   3.3V / 1.55 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-57130 OPTOWAY-PT-57130 Datasheet
92Kb / 2P
   3.3V / 1.55 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-55130 OPTOWAY-PT-55130 Datasheet
95Kb / 2P
   3.3V / 1.55 關m / 622 Mbps InGaAs PIN-TIA Receiver
logo
OKI electronic componet...
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com