Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL16083N3DL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # AL16083N3DL
Description  THIN FILM CHIP INDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AL16083N3DL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  AL16083N3DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AL16083N3DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AL16083N3DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AL16083N3DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AL16083N3DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATION FOR APPROVAL
G
( PCB Pattern )
150
Time ( seconds )
AL1608□□□□L□-□□□
d﹒Remark:Products comply with RoHS' requirements
Ⅳ﹒GENERAL SPECIFICATION:
AR-001A
30±5
Type
F ( kgf )
Time ( sec )
Solder temp. : 260±5℃
Solder : Sn96.5 / Ag3 / Cu0.5
AL1608
0.5
Dip time : 4±1 seconds
Flux : Rosin
d﹒Solderability:
or equivalent
c﹒Terminal strength:
a﹒Storage temp.:-40℃ ---- +105℃
b﹒Operating temp.:-55℃ ---- +125℃
F
100
0
50
150
250
200
50
100
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Rising Area
+4.0
/ sec max.
Temperature
Preheat Area
150 ~ 200
/ 60 ~ 120sec
NAME
PROD.
REF : 20080424-A
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
c﹒Terminal electrode:Cu/Ni/Sn
b﹒Internal conductor:Cu
a﹒Body:Ceramic
A
1.60±0.10
AL1608
Series
0.80±0.10
B
a
C
0.45±0.10
B
0.30±0.20
D
0.9
G
I
THIN FILM CHIP INDUCTOR
A
D
D
ABC'S ITEM NO.
ABC'S DWG NO.
260℃
250
200
70sec max.
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Peak Temperature:
c
b
Unit : m/m
0.9
H
0.6
I
I
PAGE: 1


Similar Part No. - AL16083N3DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL16 ETC2-AL16 Datasheet
722Kb / 6P
   Lock Kit for Cla mp Cover Junction Boxes
logo
Altech corporation
AL1616-9 ALTECH-AL1616-9 Datasheet
98Kb / 1P
   ALUMINUM ENCLOSURE AL 1616-9
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
   SINGLE STAGE DIMMABLE LED CONTROLLER
AL1663 DIODES-AL1663 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
AL1663R DIODES-AL1663R Datasheet
436Kb / 15P
   SINGLE STAGE DIMMABLE LED CONTROLLER
More results

Similar Description - AL16083N3DL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com