Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-8100 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # PD-8100
Description  GaAs PIN PHOTODIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-8100 Datasheet(HTML) 1 Page - Optoway Technology Inc

  PD-8100 Datasheet HTML 1Page - Optoway Technology Inc PD-8100 Datasheet HTML 2Page - Optoway Technology Inc PD-8100 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
PD-8100
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
4/9/2009 V2.0
GaAs PIN PHOTODIODES
PD-8100 SERIES
****************************************************************************************************************************************************************
FEATURES
High responsivity at 850 nm
Low dark current
Quick pulse response
Hermetically sealed 3-pin metal case
Active diameter 100 μm
DESCRIPTION
PD-8100 series InGaAs Photodiode are suited to receive the light at the wavelength 850 nm. With high
reliability, PD-8100 series are the best choice for telecom and datacom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Active Area
100
μ
m
Detection Range
850
nm
R
Responsivity
VR=5V, λ=850nm
0.45
0.50
-
A/W
Idark
Dark Current
VR=5V
0.1
0.7
nA
C
Capacitance
VR=5V
0.4
0.7
pF
Tr /Tf
Rise/Fall Time
VR=5V, 10~90%
0.15
ns
BW
Bandwidth
VR=5V
2
GHz
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
2
mW
VRD
Reverse Voltage
20
V
IFD
Forward Current
2
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - PD-8100

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-8100 OPTOWAY-PD-8100 Datasheet
87Kb / 2P
   GaAs PIN PHOTODIODES
More results

Similar Description - PD-8100

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-8100 OPTOWAY-PD-8100 Datasheet
87Kb / 2P
   GaAs PIN PHOTODIODES
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
logo
Optoway Technology Inc
PD-8150 OPTOWAY-PD-8150 Datasheet
91Kb / 2P
   GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
PD-8150 OPTOWAY-PD-8150_09 Datasheet
131Kb / 3P
   GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
logo
KODENSHI_AUK CORP.
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com