Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT1608C-474ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DT1608C-474ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DT1608C-474ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  DT1608C-474ML Datasheet HTML 1Page - Coilcraft lnc. DT1608C-474ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2007
Specifications subject to change without notice.
Please check our website for latest information.
SMT Power Inductors–DT1608C Series
Document 178-1
Document 178-1
Revised 10/10/07
Specifications
Operating Parameters
Inductance
Current
Energy
Switching
Inductance2
DCR max
SRF typ
rating3
rating4
storage max
frequency
Part number1
±20% (µH)
(Ohms)
(MHz)
(µH)
(A)
(µJoules)
max
DT1608C-102ML_
1.0
0.065
180
0.60
2.0
1.8
1 MHz
DT1608C-152ML_
1.5
0.070
120
0.80
1.9
1.8
1 MHz
DT1608C-222ML_
2.2
0.075
100
0.90
1.5
1.8
1 MHz
DT1608C-332ML_
3.3
0.080
70
1.5
1.2
1.4
1 MHz
DT1608C-472ML_
4.7
0.085
60
2.0
1.2
1.6
1 MHz
DT1608C-682ML_
6.8
0.090
50
3.0
1.0
1.9
1 MHz
DT1608C-103ML_
10
0.125
45
5.0
0.7
1.2
1 MHz
DT1608C-153ML_
15
0.135
35
6.0
0.6
1.1
1 MHz
DT1608C-223ML_
22
0.160
25
10
0.5
1.2
1 MHz
DT1608C-333ML_
33
0.275
20
12
0.45
1.5
1 MHz
DT1608C-473ML_
47
0.300
17
20
0.34
1.3
1 MHz
DT1608C-683ML_
68
0.575
14
30
0.29
1.4
1 MHz
DT1608C-104ML_
100
1.10
12
40
0.24
1.5
1 MHz
DT1608C-154ML_
150
1.40
7.0
60
0.20
1.4
500 kHz
DT1608C-224ML_
220
2.25
7.0
90
0.17
1.6
500 kHz
DT1608C-334ML_
330
2.90
6.0
100
0.16
1.4
500 kHz
DT1608C-474ML_
470
3.60
4.0
150
0.14
1.5
500 kHz
DT1608C-684ML_
680
4.55
3.5
200
0.12
1.4
500 kHz
DT1608C-105ML_
1000
8.10
2.5
400
0.08
1.4
500 kHz
1. When ordering, please specify packaging code:
DT1608C-106ML
C
Packaging: C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (750 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (2500 parts per full reel).
2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc.
3. Measured at the rated current. Refer to L vs Current curves for details.
4. Average maximum allowable current. DT Series inductors are designed
for current spikes as high as twice the current rating.
5. Ambient temperature range: –40°C to +85°C
6. Storage temperature range:
Component: –40°C to +85°C
Packaging: –55°C to +80°C
7. Resistance to soldering heat: Three reflows at >217°C for 90 seconds
(+260°C ±5°C for 20 – 40 seconds), allowing parts to cool to room
temperature between.
8. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
See Color Coding section for part marking information.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
The Coilcraft DT1608 Series is magnetically shielded
and the materials used provide natural heat sinking.
This allows these parts to be used at relatively high
currents. Even at 150% of rated current, the tempera-
ture rise is less than 15°C.
Because of their “swinging” inductance vs current char-
acteristics, the DT1608 Series can be used as ultra
high L inductors at zero or low current.
For new designs, consider the LPS4018 as an alter-
native to this series. The LPS4018 series is more cost
effective, features a smaller footprint, lower profile and
better current handling. We will continue to manufacture
and support the DT1608C indefinitely.


Similar Part No. - DT1608C-474ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DT1608C-474ML COILCRAFT-DT1608C-474ML Datasheet
190Kb / 2P
   Shielded Power Inductors ??DT1608C
DT1608C-474ML COILCRAFT-DT1608C-474ML Datasheet
190Kb / 2P
   Shielded Power Inductors ??DT1608C
DT1608C-474MLB COILCRAFT-DT1608C-474MLB Datasheet
343Kb / 2P
   Shielded Power Inductors - DT1608C
DT1608C-474MLB COILCRAFT-DT1608C-474MLB Datasheet
190Kb / 2P
   Shielded Power Inductors - DT1608C
DT1608C-474MLC COILCRAFT-DT1608C-474MLC Datasheet
190Kb / 2P
   Shielded Power Inductors - DT1608C
More results

Similar Description - DT1608C-474ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com