Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

625COS016DC13 Datasheet(PDF) 1 Page - ETRI

Part # 625COS016DC13
Description  AC Centrifugal Blowers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

625COS016DC13 Datasheet(HTML) 1 Page - ETRI

  625COS016DC13 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
10
20
30
40
50
60
70
80
0
50
100
150
200
AIRFLOW: I/s
Additional versions:
Salt spray protected - shock and vibration protected - marine specifications -
wide temperature range
Accessories:
See pages: 157, 160 and 163
200 x 222,5 x 225,2 mm
AC Motor
Housing material: steel plate
Wheel material: steel plate
Weight: 4,9 kg
Bearing system: ball bearings
Connection: flying leads
Available with:
- safety switch
V
l/s
dB(A)
RPM
Hz
µF
W
mA
mA
Min. °C Max. °C
625COS016DC13
220
130
65
2850
50
3
156
560
2100
- 10
70
380
130
65
2850
50
3
155
520
2500
- 10
70
220
155
68
3300
60
3
223
610
2000
- 10
70
380
155
68
3300
60
3
210
460
2150
- 10
70
220
130
65
2850
50
1
6,9
156
1000
3600
- 10
70
380
130
65
2850
50
1
2,2
155
900
4250
- 10
70
220
155
68
3300
60
1
6,9
223
1100
3450
- 10
70
380
155
68
3300
60
1
2,2
210
800
3700
- 10
70
Part number
Nominal
voltage
Airflow
Noise level
Nominal
speed
Frequency
Phases
Capacitor
(not included)
Input
power
Nominal
current
Starting
current
Operating
temperature
x
x/
wires axis
on wings
L = 250
625COS
50 Hz
60 Hz
AC Centrifugal Blowers
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT,
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N°2/0-Rev. 1
Approvals
Life expectancy
L-10 LIFE AT 40°C:
25 000 hours
GAM T1 LISTED


Similar Part No. - 625COS016DC13

ManufacturerPart #DatasheetDescription
logo
ETRI
625COS016DC13 ETRI-625COS016DC13_16 Datasheet
333Kb / 1P
   AC Centrifugal Blowers
More results

Similar Description - 625COS016DC13

ManufacturerPart #DatasheetDescription
logo
ETRI
620CAZ016DC13 ETRI-620CAZ016DC13 Datasheet
137Kb / 1P
   AC Centrifugal Blowers
621CAU016DC13 ETRI-621CAU016DC13 Datasheet
144Kb / 1P
   AC Centrifugal Blowers
711CHB016DC13 ETRI-711CHB016DC13_16 Datasheet
247Kb / 1P
   AC Centrifugal Blowers
608COV016DC13 ETRI-608COV016DC13_16 Datasheet
291Kb / 1P
   AC Centrifugal Blowers
694CHM016DC13 ETRI-694CHM016DC13_16 Datasheet
156Kb / 1P
   AC Centrifugal Blowers
621CAU016DC13 ETRI-621CAU016DC13_16 Datasheet
325Kb / 1P
   AC Centrifugal Blowers
609COV016DC13 ETRI-609COV016DC13_16 Datasheet
258Kb / 1P
   AC Centrifugal Blowers
583CBA0092000 ETRI-583CBA0092000_16 Datasheet
255Kb / 1P
   AC Centrifugal Blowers
582CAX016DC13 ETRI-582CAX016DC13_16 Datasheet
195Kb / 1P
   AC Centrifugal Blowers
692CCP016DC13 ETRI-692CCP016DC13 Datasheet
133Kb / 1P
   AC Centrifugal Blowers
694CHM016DC13 ETRI-694CHM016DC13 Datasheet
142Kb / 1P
   AC Centrifugal Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com