Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXA010A0X3 Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # AXA010A0X3
Description  10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXA010A0X3 Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button AXA010A0X3 Datasheet HTML 4Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 5Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 6Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 7Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 8Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 9Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 10Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 11Page - Lineage Power Corporation AXA010A0X3 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
March 30, 2008
12V Austin LynxTM SIP Non-isolated Power Modules, Programmable:
10Vdc – 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the 12V Austin Lynx Programmable SIP modules at 25ºC.
TIME, t (10
μs/div)
TIME, t (2 ms/div)
Figure 13. Transient Response to Dynamic Load
Change from 100% of 50% full load (Vo = 5.0 Vdc, Cext
= 2x150 μF Polymer Capacitors).
Figure 16. Typical Start-Up with application of Vin
(Vin = 12Vdc, Vo = 5.0Vdc, Io = 10A).
TIME, t (2 ms/div)
TIME, t (1ms/div)
Figure 14. Typical Start-Up Using Remote On/Off
(Vin = 12.0 Vdc, Vo = 5.0Vdc, Io = 10A).
Figure 17. Typical Start-Up with Prebias (Vin =
12Vdc, Vo = 2.5Vdc, Io = 1A, Vbias =1.2Vdc).
TIME, t (2 ms/div)
TIME, t (10ms/div)
F
igure 15. Typical Start-Up Using Remote On/Off with
external capacitors (Vin = 12Vdc, Vo = 5.0Vdc, Io =
10A, Co = 1050
μF).
Figure 18. Output short circuit Current (Vin =
12.0Vdc, Vo = 0.75Vdc).


Similar Part No. - AXA010A0X3

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA010A0X3-SRZ LINEAGEPOWER-AXA010A0X3-SRZ Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results

Similar Description - AXA010A0X3

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
AXA016A0X3 LINEAGEPOWER-AXA016A0X3 Datasheet
656Kb / 19P
   10 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 16A output current
AXA005A0X-SR LINEAGEPOWER-AXA005A0X-SR Datasheet
583Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
AXA003A0X LINEAGEPOWER-AXA003A0X Datasheet
578Kb / 18P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
ATA016A0X3 LINEAGEPOWER-ATA016A0X3 Datasheet
687Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com