Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS025A0X3 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # ATS025A0X3
Description  4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATS025A0X3 Datasheet(HTML) 2 Page - Lineage Power Corporation

  ATS025A0X3 Datasheet HTML 1Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 2Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 3Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 4Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 5Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 6Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 7Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 8Page - Lineage Power Corporation ATS025A0X3 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 – 3.63Vdc output; 30A output current
6.0 – 14Vdc input; 0.8 – 5.5Vdc output; 25A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
Continuous
All
VIN
-0.3
15
Vdc
Sequencing pin voltage
All
VsEQ
-0.3
15
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
ATH
VIN
4.5
5.0
5.5
Vdc
ATS
VIN
6.0
12
14
Vdc
Maximum Input Current
ATH
IIN,max
27
Adc
(VIN= VIN,min , VO= VO,set, IO=IO, max)
ATS
IIN,max
26
Adc
Inrush Transient
All
I
2 t
1
A
2 s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance;
VIN=6.0V to 14.0V, IO= IOmax ; See Figure 1)
All
100
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB


Similar Part No. - ATS025A0X3

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS025025009-PF015 ATS-ATS025025009-PF015 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025009-PF015 ATS-ATS025025009-PF015_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS025025011-PF016 ATS-ATS025025011-PF016 Datasheet
72Kb / 1P
   Cross Cut Heatsink Data Sheet
More results

Similar Description - ATS025A0X3

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH030A0X3-SR LINEAGEPOWER-ATH030A0X3-SR Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com