Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS025A0X3Z Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # ATS025A0X3Z
Description  4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATS025A0X3Z Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button ATS025A0X3Z Datasheet HTML 4Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 5Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 6Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 7Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 8Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 9Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 10Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 11Page - Lineage Power Corporation ATS025A0X3Z Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 – 3.63Vdc output; 30A output current
6.0 – 14Vdc input; 0.8 – 5.5Vdc output; 25A output current
LINEAGE POWER
8
Characteristic Curves
The following figures provide typical characteristics for the ATS025A0X (3.3V, 25A) at 25
oC.
75%
78%
81%
84%
87%
90%
93%
96%
99%
0
5
10
15
20
25
VIN =14.0V
VIN = 12.0V
VIN = 6.0V
0
5
10
15
20
25
30
20
30
40
50
60
70
80
90
1.0m/s (200 LFM )
0.5m/s (100 LFM )
1.5m/s (300 LFM )
2.0m/s (400 LFM )
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 13. Converter Efficiency versus Output
Current.
Figure 16. Derating Output Current versus Local
Ambient Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (2ms/div)
Figure 14. Typical output ripple and noise (VIN =
VIN,NOM, Io = Io,max).
Figure 17. Typical Start-up Using Remote On/Off (VIN =
VIN,NOM, Io = Io,max).
TIME, t (5
μs /div)
TIME, t (2ms/div)
Figure 15. Transient Response to Dynamic Load
Change from 0% to 50% to 0% of full load.
Figure 18. Typical Start-up Using Input Voltage (VIN =
VIN,NOM, Io = Io,max).


Similar Part No. - ATS025A0X3Z

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025006-PF014 ATS-ATS025025006-PF014_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS025025009-PF015 ATS-ATS025025009-PF015 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
ATS025025009-PF015 ATS-ATS025025009-PF015_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS025025011-PF016 ATS-ATS025025011-PF016 Datasheet
72Kb / 1P
   Cross Cut Heatsink Data Sheet
More results

Similar Description - ATS025A0X3Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH030A0X3-SR LINEAGEPOWER-ATH030A0X3-SR Datasheet
1Mb / 28P
   4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
AXA016A0X3-SR LINEAGEPOWER-AXA016A0X3-SR Datasheet
693Kb / 21P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 16A output current
ATA016A0X3-SR LINEAGEPOWER-ATA016A0X3-SR Datasheet
718Kb / 21P
   8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com