Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS030A0X3-SRH Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # ATS030A0X3-SRH
Description  4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATS030A0X3-SRH Datasheet(HTML) 5 Page - Lineage Power Corporation

  ATS030A0X3-SRH Datasheet HTML 1Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 2Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 3Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 4Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 5Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 6Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 7Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 8Page - Lineage Power Corporation ATS030A0X3-SRH Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
June 3, 2009
Austin MegaLynxTM SMT: Non-Isolated DC-DC Power Modules:
4.5 – 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
0.5
3.3
mA
Input High Voltage
All
VIH
3.0
VIN, max
V
Logic Low (Module ON)
Input Low Current
All
IIL
200
µA
Input Low Voltage
All
VIL
-0.3
1.2
V
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then
input power is applied (delay from instant at
which VIN = VIN, min until Vo = 10% of Vo, set)
All
Tdelay
2.5
5
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at which
Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
2.5
5
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
2
10
msec
Output voltage overshoot
3.0
% VO, set
IO = IO, max; VIN, min – VIN, max, TA = 25
oC
Remote Sense Range
All
0.5
V
Over temperature Protection
All
Tref
125
°C
(See Thermal Consideration section)
Sequencing Slew rate capability
All
dVSEQ/dt
2
V/msec
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Sequencing Delay time (Delay from VIN, min
to application of voltage on SEQ pin)
All
TsEQ-delay
10
msec
Tracking Accuracy
Power-up (2V/ms)
All
VSEQ –Vo
100
200
mV
Power-down (1V/ms)
VSEQ –Vo
200
400
mV
(VIN, min to VIN, max; IO, min - IO, max VSEQ < Vo)
Input Undervoltage Lockout
Turn-on Threshold
ATH
4.3
Vdc
Turn-off Threshold
ATH
3.9
Vdc
Turn-on Threshold
ATS
5.5
Vdc
Turn-off Threshold
ATS
5.0
Vdc
Forced Load Share Accuracy
-P
10
% Io
Number of units in Parallel
-P
5


Similar Part No. - ATS030A0X3-SRH

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS031031002-MF-10A ATS-ATS031031002-MF-10A Datasheet
420Kb / 1P
   31.00 x 31.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS031031002-PF-10A ATS-ATS031031002-PF-10A Datasheet
390Kb / 1P
   31.00 x 31.00 x 2.00 mm BGA Heat Sink (HIgh Aspect Ratio Ext.) Custom Pin FIn
Rev - 050413
ATS031031002-SF-10A ATS-ATS031031002-SF-10A Datasheet
418Kb / 1P
   31.00 x 31.00 x 2.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
ATS031031003-MF-10B ATS-ATS031031003-MF-10B Datasheet
420Kb / 1P
   31.00 x 31.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS031031003-PF-10B ATS-ATS031031003-PF-10B Datasheet
395Kb / 1P
   31.00 x 31.00 x 3.00 mm BGA Heast Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
More results

Similar Description - ATS030A0X3-SRH

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
AXH016A0X3 LINEAGEPOWER-AXH016A0X3 Datasheet
779Kb / 18P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
AXH010A0X-SR LINEAGEPOWER-AXH010A0X-SR Datasheet
579Kb / 20P
   3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
AXH010A0X3 LINEAGEPOWER-AXH010A0X3 Datasheet
701Kb / 17P
   3.0Vdc - 5.5Vdc input; 0.75 to 3.63Vdc Output; 10A Output Current
NXA025A0X-SZ LINEAGEPOWER-NXA025A0X-SZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com