Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQD020A0F641 Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # EQD020A0F641
Description  Eighth Brick Through-Hole Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQD020A0F641 Datasheet(HTML) 4 Page - Lineage Power Corporation

  EQD020A0F641 Datasheet HTML 1Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 2Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 3Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 4Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 5Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 6Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 7Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 8Page - Lineage Power Corporation EQD020A0F641 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
November 9, 2006
EQD020 Series Single Output: Eighth Brick Power Modules:
19-60Vdc Input; 3.3Vdc Output; 66W
Tyco Electronics Power Systems
4
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal interface
(VIN=VIN, min to VIN, max ; Open collector or equivalent,
Signal referenced to VIN (-) terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - On/Off Voltage
F
VIL
-0.7
1.2
V
Logic Low - Remote On/Off Current
F
IIL
1.0
mA
Logic High Voltage – (Typ = Open Collector)
F
VIH
5
V
Logic High maximum allowable leakage current
F
IIH
50
μA
External voltage on ON/OFF Pin (to VIN (-) terminal)
F
VON/OFF
13.5
V
Turn-On Delay and Rise Times
(IO=80 % IO, max , TA = 25
o C)
Case 1: On/Off input is set to Logic High and then input
power is applied (delay from instant at which VIN = VIN,
min until Vo =10% of Vo,nom)
F
Tdelay
15
30
msec
Case 2: Input power is applied for at least one second
and then the On/Off input is set to logic high (delay
from instant at which Von/Off = 0.9V until Vo=10% of
Vo, set)
F
Tdelay
5
10
msec
Output voltage Rise time (time for Vo to rise from 10%
Of Vo, nom to 90% of Vo, nom)
F
Trise
20
25
msec
Output voltage overshoot – Startup
IO= 80% of IO, max; TA = 25
oC
F
1
% VO, set
Input Undervoltage Lockout
Turn-on Threshold
F
VUVLO
18.6
19.0
V
Turn-off Threshold
16.2
16.6
V
Hysteresis
1.5
Input Overvoltage Lockout
Turn-on Threshold
F
VOVLO
60
62
V
Turn-off Threshold
64
65
V
Hysteresis
2
Output Voltage Set point Adjustment
Output remote sense voltage range
F
VSENSE
10
%
VO,nom
(Max voltage drop is 0.33 V)
Output voltage adjustment range (TRIM)
F
VTRIM
2.97
3.63
Vdc
Over voltage protection
F
VOV, set
3.8
4.5
Vdc
Over Temperature Protection
At Vin = 24V
F
Tref
125
°C
At Vin = 48V
F
Tref
117
°C


Similar Part No. - EQD020A0F641

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQD075A1 LINEAGEPOWER-EQD075A1 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
EQD075A4 LINEAGEPOWER-EQD075A4 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
EQD075A41 LINEAGEPOWER-EQD075A41 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
EQD075A41Z LINEAGEPOWER-EQD075A41Z Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
EQD075A641 LINEAGEPOWER-EQD075A641 Datasheet
482Kb / 15P
   18-60Vdc Input; 3.3 to 5.0Vdc Output; 75W
More results

Similar Description - EQD020A0F641

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW025A0F LINEAGEPOWER-ESTW025A0F Datasheet
1Mb / 20P
   ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F LINEAGEPOWER-ESTW015A0F_11 Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW010A0A LINEAGEPOWER-ESTW010A0A Datasheet
1Mb / 19P
   ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
EHHD006A0B41Z LINEAGEPOWER-EHHD006A0B41Z Datasheet
1Mb / 19P
   EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
logo
Delta Electronics, Inc.
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com