Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQW006A0B6 Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # EQW006A0B6
Description  36 - 75Vdc Input; 12Vdc Output; 6A Output Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW006A0B6 Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button EQW006A0B6 Datasheet HTML 6Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 7Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 8Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 9Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 10Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 11Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 12Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 13Page - Lineage Power Corporation EQW006A0B6 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
March 26, 2008
EQW006 Series, Eight Brick Power Modules: DC-DC Converter
36 – 75Vdc Input; 12Vdc Output; 6A Output Current
LINEAGE POWER
10
Feature Descriptions (continued)
Output Voltage Programming
Trimming allows the output voltage set point to be
increased or decreased, this is accomplished by
connecting an external resistor between the TRIM pin
and either the VO(+) pin or the VO(-) pin (COM pin) .
VO(+)
VOTRIM
VO(-)
Rtrim-down
LOAD
VIN(+)
ON/OFF
VIN(-)
Rtrim-up
Figure 12. Circuit Configuration to Trim Output
Voltage.
Connecting an external resistor (Rtrim-down) between
the TRIM pin and the Vo(-) (or Sense(-)) pin
decreases the output voltage set point. To maintain
set point accuracy, the trim resistor tolerance should
be ±0.1%.
The following equation determines the required
external resistor value to obtain a percentage output
voltage change of Δ%
For output voltage: 12Vdc
ΚΩ
⎥⎦
⎢⎣
Δ
=
2
.
10
%
510
down
Rtrim
Where
100
,
,
%
×
⎟⎟
⎜⎜
⎛−
=
Δ
set
Vo
Vdesired
set
Vo
For example, to trim-down the output voltage of 12V
module (EQW006A0B1) by 8% to 11.04V, Rtrim-
down is calculated as follows:
8
%
=
Δ
ΚΩ
⎥⎦
⎢⎣
=
2
.
10
8
510
down
Rtrim
ΚΩ
=
55
.
53
down
Rtrim
Connecting an external resistor (Rtrim-up) between the
TRIM pin and the VO(+) (or Sense (+)) pin increases
the output voltage set point. The following equations
determine the required external resistor value to
obtain a percentage output voltage change of Δ%:
For output voltage: 12Vdc
ΚΩ
⎥⎦
⎢⎣
Δ
Δ
×
Δ
+
×
×
=
2
.
10
%
510
%
225
.
1
%)
100
(
,
1
.
5
set
Vo
up
Rtrim
Where
100
,
,
%
×
⎟⎟
⎜⎜
⎛−
=
Δ
set
Vo
set
Vo
Vdesired
For example, to trim-up the output voltage of 12V
module by 6% to 12.72V, Rtrim-up is calculated is as
follows:
6
%
=
Δ
ΚΩ
⎥⎦
⎢⎣
×
+
×
×
=
2
.
10
6
510
6
225
.
1
)
6
100
(
12
1
.
5
up
Rtrim
ΚΩ
=
787
up
Rtrim
The voltage between the Vo(+) and Vo(–) terminals
must not exceed the minimum output overvoltage
protection value shown in the Feature Specifications
table. This limit includes any increase in voltage due
to remote-sense compensation and output voltage
set-point adjustment trim.
Although the output voltage can be increased by both
the remote sense and by the trim, the maximum
increase for the output voltage is not the sum of both.
The maximum increase is the larger of either the
remote sense or the trim.
The amount of power
delivered by the module is defined as the voltage at
the output terminals multiplied by the output current.
When using remote sense and trim, the output
voltage of the module can be increased, which at the
same output current would increase the power output
of the module. Care should be taken to ensure that
the maximum output power of the module remains at
or below the maximum rated power (Maximum rated
power = Vo,set x Io,max).
Overcurrent Protection
To provide protection in a fault (output overload)
condition, the unit is equipped with internal
current-limiting circuitry and can endure current
limiting continuously. At the point of current-limit
inception, the unit enters hiccup mode. The unit
operates normally once the output current is brought
back into its specified range. The average output
current during hiccup is 10% IO, max.


Similar Part No. - EQW006A0B6

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW010A0B1-HZ LINEAGEPOWER-EQW010A0B1-HZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW010A0B1-SZ LINEAGEPOWER-EQW010A0B1-SZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW010A0B1Z LINEAGEPOWER-EQW010A0B1Z Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
EQW010A0B41-SZ LINEAGEPOWER-EQW010A0B41-SZ Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results

Similar Description - EQW006A0B6

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
EBVW017A0X LINEAGEPOWER-EBVW017A0X Datasheet
1Mb / 15P
   36-75Vdc Input; 14.0Vdc Output; 17A Output Current
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com