Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43508A5687M060 Datasheet(PDF) 10 Page - EPCOS

Part # B43508A5687M060
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43508A5687M060 Datasheet(HTML) 10 Page - EPCOS

Back Button B43508A5687M060 Datasheet HTML 6Page - EPCOS B43508A5687M060 Datasheet HTML 7Page - EPCOS B43508A5687M060 Datasheet HTML 8Page - EPCOS B43508A5687M060 Datasheet HTML 9Page - EPCOS B43508A5687M060 Datasheet HTML 10Page - EPCOS B43508A5687M060 Datasheet HTML 11Page - EPCOS B43508A5687M060 Datasheet HTML 12Page - EPCOS B43508A5687M060 Datasheet HTML 13Page - EPCOS B43508A5687M060 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R2)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
220
22
× 25
530
710
2.48
1.85
0.91
B43508E2227M0*#
270
22
× 30
430
580
2.86
2.14
1.06
B43508E2277M0*#
330
22
× 30
350
480
3.16
2.37
1.17
B43508E2337M0*#
330
25
× 25
350
480
3.11
2.32
1.15
B43508F2337M0*#
390
22
× 35
300
400
3.56
2.66
1.32
B43508E2397M0*#
390
25
× 30
300
400
3.52
2.63
1.30
B43508F2397M0*#
470
22
× 40
250
340
4.03
3.02
1.49
B43508E2477M0*#
470
25
× 30
250
340
3.86
2.89
1.43
B43508F2477M0*#
470
30
× 25
250
340
3.48
2.60
1.29
B43508G2477M0*#
560
22
× 45
210
280
4.52
3.38
1.67
B43508E2567M0*#
560
25
× 35
210
280
4.37
3.27
1.62
B43508F2567M0*#
560
30
× 30
210
280
3.96
2.96
1.46
B43508G2567M0*#
680
22
× 50
170
230
5.11
3.82
1.89
B43508E2687M0*#
680
25
× 40
170
230
4.97
3.72
1.84
B43508F2687M0*#
680
30
× 30
170
230
4.37
3.27
1.61
B43508G2687M0*#
680
35
× 25
170
230
3.66
2.74
1.35
B43508H2687M0*#
820
25
× 45
140
200
5.61
4.20
2.07
B43508E2827M0*#
820
30
× 35
140
200
4.97
3.72
1.84
B43508F2827M0*#
820
35
× 30
140
200
4.46
3.33
1.65
B43508G2827M0*#
1000
25
× 55
120
160
6.49
4.86
2.40
B43508E2108M0*#
1000
30
× 40
120
160
6.03
4.51
2.23
B43508F2108M0*#
1000
35
× 30
120
160
4.92
3.68
1.82
B43508G2108M0*#
1200
30
× 45
100
130
6.79
5.08
2.51
B43508E2128M0*#
1200
35
× 35
100
130
5.59
4.18
2.07
B43508F2128M0*#
1500
30
× 55
75
110
7.96
5.96
2.95
B43508E2158M0*#
1500
35
× 40
75
110
6.44
4.82
2.38
B43508F2158M0*#
1800
35
× 50
65
90
7.44
5.57
2.75
B43508E2188M0*#
2200
35
× 55
55
75
8.42
6.30
3.12
B43508E2228M0*#
B43508
Ultra compact
105
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43508A5687M060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43508A5107M002 EPCOS-B43508A5107M002 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
B43508A5107M007 EPCOS-B43508A5107M007 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
More results

Similar Description - B43508A5687M060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com