Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQW010A0B1Z Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # EQW010A0B1Z
Description  36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW010A0B1Z Datasheet(HTML) 4 Page - Lineage Power Corporation

  EQW010A0B1Z Datasheet HTML 1Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 2Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 3Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 4Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 5Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 6Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 7Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 8Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
March 4, 2009
EQW010-040 Series Power Modules
36 – 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
LINEAGE POWER
4
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Load Response
(dIo/dt=0.1A/
μs; VIN = VIN, nom; TA=25°C)
Load Change from Io= 50% to 75% or 25% to
50% of Io,max;
Peak Deviation
All
Vpk
3
% VO, set
Settling Time (Vo<10% peak deviation)
All
ts
200
μs
(dIo/dt=1A/
μs; VIN = VIN, nom; TA=25°C)
Load Change from Io= 50% to 75% or 25% to
50% of Io,max;
Peak Deviation
All
Vpk
5
% VO, set
Settling Time (Vo<10% peak deviation)
All
ts
200
μs
Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
Ciso
1000
pF
Isolation Resistance
All
Riso
10
MΩ
I/O Isolation Voltage (100% factory Hi-pot tested)
All
All
1500
Vdc
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
B
FIT
334
10
9/Hours
A-S
FIT
290
10
9/Hours
F
FIT
328
10
9/Hours
Y
FIT
302
10
9/Hours
B
MTBF
2,997,896
Hours
A-S
MTBF
3,451,558
Hours
F
MTBF
3,051,626
Hours
Calculated Reliability based upon Telcordia SR-
332 Issue 2: Method I Case 3 (IO=80%IO, max,
TA=40°C, airflow = 200 lfm, 90% confidence)
Y
MTBF
3,312,888
Hours
Weight
All
11.3
(0.4)
g
(oz.)


Similar Part No. - EQW010A0B1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW012A0A1 LINEAGEPOWER-EQW012A0A1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1-S LINEAGEPOWER-EQW012A0A1-S Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1-SZ LINEAGEPOWER-EQW012A0A1-SZ Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1Z LINEAGEPOWER-EQW012A0A1Z Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
More results

Similar Description - EQW010A0B1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com