Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQW010A0B1Z Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # EQW010A0B1Z
Description  36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW010A0B1Z Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button EQW010A0B1Z Datasheet HTML 4Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 5Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 6Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 7Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 8Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 9Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 10Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 11Page - Lineage Power Corporation EQW010A0B1Z Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
March 4, 2009
EQW010-040 Series Power Modules
36 – 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the EQW030A0F (3.3V, 30A) at 25
oC. The figures are
identical for either positive or negative remote On/Off logic.
70
75
80
85
90
95
0
5
10
15
20
25
30
Vin = 36V
Vin = 48V
Vin = 75V
0
5
10
15
20
25
30
35
20
30
40
50
60
70
80
90
2.0 m/s
(400 LFM)
1.0 m/s
(200 LFM)
0.5 m/s
(100 LFM)
NC
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 13. Converter Efficiency versus Output
Current.
Figure 16. Derating Output Current versus Local
Ambient Temperature and Airflow (direction shown in
Figure 63).
TIME, t (1
μs/div)
TIME, t (5ms/div)
Figure 14. Typical output ripple and noise (VIN =
VIN,NOM, Io = Io,max).
Figure 17. Typical Start-up Using Remote On/Off,
negative logic version shown (VIN = VIN,NOM, Io = Io,max).
TIME, t (0.1ms/div)
TIME, t (5ms/div)
Figure 15. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
Figure 18. Typical Start-up Using Input Voltage (VIN =
VIN,NOM, Io = Io,max).


Similar Part No. - EQW010A0B1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW012A0A1 LINEAGEPOWER-EQW012A0A1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1-S LINEAGEPOWER-EQW012A0A1-S Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1-SZ LINEAGEPOWER-EQW012A0A1-SZ Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW012A0A1Z LINEAGEPOWER-EQW012A0A1Z Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
More results

Similar Description - EQW010A0B1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com