Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQW020A0A1Z Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # EQW020A0A1Z
Description  36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

EQW020A0A1Z Datasheet(HTML) 3 Page - Lineage Power Corporation

  EQW020A0A1Z Datasheet HTML 1Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 2Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 3Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 4Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 5Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 6Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 7Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 8Page - Lineage Power Corporation EQW020A0A1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
March 4, 2009
EQW010-040 Series Power Modules
36 – 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
LINEAGE POWER
3
Electrical Specifications
(continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Nominal Output Voltage Set-point
B
VO, set
11.76
12.0
12.24
Vdc
VIN=VIN, min, IO=IO, max, TA=25°C)
A
VO, set
4.90
5.0
5.10
Vdc
F
VO, set
3.23
3.3
3.37
Vdc
G
VO, set
2.45
2.5
2.55
Vdc
Y
VO, set
1.76
1.8
1.84
Vdc
M
VO, set
1.47
1.5
1.53
Vdc
P
VO, set
1.18
1.2
1.22
Vdc
S1R0
VO, set
0.98
1.0
1.02
Vdc
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
All
VO
-3.0
+3.0
% VO, set
Output Regulation
Line (VIN=VIN, min to VIN, max)
B, A, F, G
0.2
% VO, set
Y, M, P, S1R0
5
mV
Load (IO=IO, min to IO, max)
B, A, F, G
0.2
% VO, set
Y, M, P, S1R0
5
mV
Temperature (Tref=TA, min to TA, max)
All
1.0
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom ,IO= IO, max , TA=TA, min to TA, max)
RMS (5Hz to 20MHz bandwidth)
B
30
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
B
100
mVpk-pk
RMS (5Hz to 20MHz bandwidth)
All, except B
25
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All, except B
75
mVpk-pk
External Capacitance
B
CO, max
0
1,500
μF
A
CO, max
0
10,000
μF
F, G, Y, M, P,
S1R0
CO, max
0*
20,000
μF
Output Current
B
Io
0
10
Adc
A
Io
0
20
Adc
F
Io
0
30
Adc
G
Io
0
35
Adc
Y, M, P, S1R0
Io
0
40
Adc
Output Current Limit Inception (Hiccup Mode )
All, except G
IO, lim
105
115
130
% Io
(VO= 90% of VO, set)
G
IO, lim
103
115
130
% Io
Output Short-Circuit Current
(VO≤250mV) ( Hiccup Mode )
All
IO, s/c
130
150
Arms
Efficiency
B
η
93.0
%
VIN= VIN, nom, TA=25°C
A
η
91.7
%
IO=IO, max , VO= VO,set
F
η
92.0
%
G
η
89.8
%
Y
η
88.3
%
M
η
87.1
%
P
η
85.0
%
S1R0
η
83.2
%
Switching Frequency
All
fsw
420
kHz
* Note: For 1.0VO (S1R0) and 1.2 VO (P) device codes, external capacitance, CO, should be 1000uF minimum to achieve monotonic start-up with
very light load (≤ 2Amp).


Similar Part No. - EQW020A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW020A0F1 LINEAGEPOWER-EQW020A0F1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW020A0F1-S LINEAGEPOWER-EQW020A0F1-S Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW020A0F1-SZ LINEAGEPOWER-EQW020A0F1-SZ Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW020A0F1Z LINEAGEPOWER-EQW020A0F1Z Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
More results

Similar Description - EQW020A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EHW007A0B41Z LINEAGEPOWER-EHW007A0B41Z Datasheet
756Kb / 18P
   36-75Vdc Input; 12.0Vdc Output; 7A Output Current
EBDW025A0B LINEAGEPOWER-EBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
KW010A0A41-SR LINEAGEPOWER-KW010A0A41-SR Datasheet
852Kb / 23P
   36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com