Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPL3010-222ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # EPL3010-222ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL3010-222ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  EPL3010-222ML Datasheet HTML 1Page - Coilcraft lnc. EPL3010-222ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
SMTPowerInductors–EPL3010Series
Document 615-1
Document 615-1
Revised 10/02/09
1. When ordering, please specify packaging code:
EPL3010-103ML
C
Packaging: C =7
″ machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (7500 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A network analyzer or equivalent.
5. DC current at which the inductance drops from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Inductance2
DCR nom3
DCR max3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
(Ohms)
(Ohms)
(MHz)
10% drop 20% drop 30% drop
20°C rise
40°C rise
EPL3010-301ML_
0.30
0.040
0.045
249
1.0
1.6
2.2
1.7
2.2
EPL3010-102ML_
1.0
0.071
0.078
151
0.80
1.3
1.8
1.2
1.7
EPL3010-152ML_
1.5
0.086
0.095
116
0.68
1.1
1.6
1.2
1.6
EPL3010-222ML_
2.2
0.137
0.150
98
0.54
0.92
1.3
0.98
1.3
EPL3010-472ML_
4.7
0.278
0.306
60
0.36
0.61
0.80
0.74
0.99
EPL3010-103ML_
10
0.573
0.631
38
0.20
0.34
0.48
0.52
0.70
Designer’s Kit C431 contains 5 each of all values
Core material Ferrite
Terminations RoHS compliant tin-silver-copper over tin over nickel
over silver. Other terminations available at additional cost.
Weight 32 – 38 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel; Plastic tape: 8 mm wide,
0.20 mm thick, 4 mm pocket spacing, 1.14 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Low profile shielded power inductors, 3 × 3 × 1 mm
• Extremely low DCR and high SRF ratings
Isat ratings as high as 2.2 A
• More values will be available soon


Similar Part No. - EPL3010-222ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL3010-222ML COILCRAFT-EPL3010-222ML Datasheet
152Kb / 2P
   Shielded Power Inductors
EPL3010-222ML_ COILCRAFT-EPL3010-222ML_ Datasheet
375Kb / 2P
   Shielded Power Inductors
More results

Similar Description - EPL3010-222ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com