Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41890A6277M008 Datasheet(PDF) 4 Page - EPCOS

Part # B41890A6277M008
Description  Aluminum electrolytic capacitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41890A6277M008 Datasheet(HTML) 4 Page - EPCOS

  B41890A6277M008 Datasheet HTML 1Page - EPCOS B41890A6277M008 Datasheet HTML 2Page - EPCOS B41890A6277M008 Datasheet HTML 3Page - EPCOS B41890A6277M008 Datasheet HTML 4Page - EPCOS B41890A6277M008 Datasheet HTML 5Page - EPCOS B41890A6277M008 Datasheet HTML 6Page - EPCOS B41890A6277M008 Datasheet HTML 7Page - EPCOS B41890A6277M008 Datasheet HTML 8Page - EPCOS B41890A6277M008 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Dimensional drawings
With stand-off rubber seal
Diameters (mm): 10, 12.5, 16, 18
Dimensions and weights
Dimensions (mm)
Approx. weight
d +0.5
l
a
±0.5
b
g
10
16 +1.0
5.0
0.60
±0.05
1.9
10
20 +2.0
5.0
0.60
±0.05
2.6
12.5
20 +2.0
5.0
0.60
±0.05
3.6
12.5
25 +2.0
5.0
0.60
±0.05
4.5
12.5
30 +2.0
5.0
0.80
±0.05
5.3
12.5
40 +2.0
5.0
0.80
±0.05
7.4
16
20 +2.0
7.5
0.80
±0.05
5.5
16
25 +2.0
7.5
0.80
±0.05
7.5
16
31.5 +2.0
7.5
0.80
±0.05
7.8
18
20 +2.0
7.5
0.80
±0.1
8.0
18
25 +2.0
7.5
0.80
±0.1
9.0
18
31.5 +2.0
7.5
0.80
±0.1
11.0
18
35 +2.0
7.5
0.80
±0.1
13.0
18
40 +2.0
7.5
0.80
±0.1
16.0
B41890
Extended useful life
105
°C
Page 4 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41890A6277M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41890A6277M EPCOS-B41890A6277M Datasheet
616Kb / 34P
   Aluminum electrolytic capacitors
More results

Similar Description - B41890A6277M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com