Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-2940LG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPB-2940LG
Description  1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber SMLC SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-2940LG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPB-2940LG Datasheet HTML 1Page - Optoway Technology Inc SPB-2940LG Datasheet HTML 2Page - Optoway Technology Inc SPB-2940LG Datasheet HTML 3Page - Optoway Technology Inc SPB-2940LG Datasheet HTML 4Page - Optoway Technology Inc SPB-2940LG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
SPB-2940LG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2008
V1.0
3
CONNECTION DIAGRAM
PIN Signal Name
Description
PIN Signal Name
Description
1
VEET
Transmitter Signal Ground
11
VEER
Receiver Signal Ground
2
TX_Fault
Transmitter Fault Indication. Logic “1” Output
= Laser Fault. Logic “0” Output = Normal
Operation
12
RD-
Inverse Receiver Data Out
3
TX_Disable
Logic “1” Input (or no connection) = Laser off,
Logic “0” = Laser on.
13
RD+
Receiver Data Out
4
SDA
Modulation Definition 2 – Two wires serial ID
Interface
14
VEER
Receiver Signal Ground
5
SDL
Modulation Definition 1 – Two wires serial ID
Interface
15
VCCR
Receiver Power – 3.3V±5%
6
MOD-ABS
Modulation Definition 0 – Ground in Module
16
VCCT
Transmitter Power – 3.3V±5%
7
RS0
RX Rate Select (LVTTL). This pin has an
internal 30k pulldown to ground. A signal on
this pin will not affect module performance.
17
VEET
Transmitter Signal Ground
8
RX_LOS
Loss of Signal Out (OC).
18
TD+
Transmitter Data In
9
RS1
TX Rate Select (LVTTL). This pin has an
internal 30k pulldown to ground. A signal on
this pin will not affect module performance.
19
TD-
Inverse Transmitter Data In
10
VEER
Receiver Signal Ground
20
VEET
Transmitter Signal Ground
MODULE DEFINITION
Module Definition
PIN 4
PIN 5
PIN 6
Interpretation by Host
4
SDA
SCL
MOD-ABS
Serial module definition
protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SDA and SDL appear as no connector
(NC) and MOD-ABS is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire
serial CMOS E
2PROM protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPB-2940LG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-2940LWG OPTOWAY-SPB-2940LWG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 10.3 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-2940LWG JMNIC-SPB-2940LWG Datasheet
194Kb / 5P
   Digital Diagnostic 1-Fiber SM LC SFP Transceiver
logo
Optoway Technology Inc
SPB-2940LWG OPTOWAY-SPB-2940LWG_15 Datasheet
194Kb / 5P
   10.3 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-2940LG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4910LG OPTOWAY-SPB-4910LG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4810LG OPTOWAY-SPB-4810LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4840LG OPTOWAY-SPB-4840LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4820LG OPTOWAY-SPB-4820LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4940LG OPTOWAY-SPB-4940LG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-4920LG OPTOWAY-SPB-4920LG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver
SPB-2810LG OPTOWAY-SPB-2810LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber SM LC SFP Transceiver
SPB-2820LG OPTOWAY-SPB-2820LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber SM LC SFP Transceiver
SPB-2840LG OPTOWAY-SPB-2840LG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber SM LC SFP Transceiver
SPB-2910LG OPTOWAY-SPB-2910LG Datasheet
170Kb / 5P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber SM LC SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com