Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLTR100V206 Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # FLTR100V206
Description  75 Vdc Input Maximum, 20 A Maximum
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FLTR100V206 Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button FLTR100V206 Datasheet HTML 4Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 5Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 6Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 7Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 8Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 9Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 10Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 11Page - Lineage Power Corporation FLTR100V206 Datasheet HTML 12Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
88
Lineage Power
Data Sheet
March 2008
75 Vdc Input Maximum, 20 A Maximum
FLTR100V20 Filter Module
Thermal Considerations
The case temperature must be kept below 100 °C.
Therefore for a particular current and ambient tempera-
ture, the airflow at the filter must be adequate.
Example:
Given: IO, max = 18 A; TA, max = 40 °C
Therefore ýT, max allowable = 60 °C
Determine airflow required (Figure 1): v = 1.0 m/s
(200 lfm)
Other Considerations
It is essential for good EMI performance that the input
lines not be contaminated with noise after passing
through the filter. Filtered input traces should therefore
be kept away from noise sources such as power mod-
ules and switching logic lines. If input voltage sense
traces must be routed past the power modules from the
quiet side of the filter module, they should be filtered at
the point where they leave the quiet input lines. Input
traces should be kept as far away from output power
traces as possible.
The fundamental switching frequency noise spike can
be somewhat reduced by adding a high-frequency
capacitor of a few microfarads across the input lines of
the filter module.
Adding additional components to the input filter to
improve performance usually has very limited payback,
and may actually increase the noise conducted onto
the input lines. Adding Y caps to the input side of the fil-
ter module couples any noise in the ground plane
directly into the input lines, usually degrading perfor-
mance. Adding additional X and Y caps to the power
module side of the filter module produces low-
impedance loops for high-frequency currents to flow,
possibly degrading performance.
Adding additional common-mode or differential-mode
filtering to the power module output leads decreases
the power module output noise, and also frequently
reduces the input noise by decreasing the noise cou-
pled from output leads to input leads. Common-mode
output filtering is particularly important if the load is tied
to chassis ground. If common-mode filtering is added
to the power module output, ensure that remote-sense
leads sense the output voltage before the common-
mode filter. Do not use remote-sense on the load side
of an output common-mode filter.
If input noise performance is unsatisfactory after apply-
ing the filter module as described previously, the best
remedy is to modify the layout and grounding scheme.
It is often useful to make a model of the power card,
using copper tape and a vector card, to experiment
with various layout and grounding approaches prior to
committing to a printed-wiring board.


Similar Part No. - FLTR100V206

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLTR100V10 LINEAGEPOWER-FLTR100V10 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V10-62 LINEAGEPOWER-FLTR100V10-62 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V10-62Z LINEAGEPOWER-FLTR100V10-62Z Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V10Z LINEAGEPOWER-FLTR100V10Z Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR100V610 LINEAGEPOWER-FLTR100V610 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
More results

Similar Description - FLTR100V206

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
FLTR100V10 LINEAGEPOWER-FLTR100V10 Datasheet
716Kb / 13P
   75 Vdc Input Maximum, 10 A Maximum
FLTR75V05 LINEAGEPOWER-FLTR75V05 Datasheet
1Mb / 13P
   75 Vdc Input Maximum, 5 A Maximum
logo
Bel Fuse Inc.
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
SQE48T20120 BEL-SQE48T20120 Datasheet
1Mb / 14P
   36-75 VDC Input; 12.0 VDC @ 20 A Output
logo
Pasternack Enterprises,...
PE80T3005 PASTERNACK-PE80T3005 Datasheet
389Kb / 3P
   Maximum Power Input 20 dBm
PE80T3001 PASTERNACK-PE80T3001 Datasheet
391Kb / 3P
   Maximum Power Input 20 dBm
PE80T3003 PASTERNACK-PE80T3003 Datasheet
390Kb / 3P
   Maximum Power Input 20 dBm
PE80T3002 PASTERNACK-PE80T3002 Datasheet
404Kb / 3P
   Maximum Power Input 20 dBm
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
logo
Bel Fuse Inc.
SSQE48T25025 BEL-SSQE48T25025 Datasheet
837Kb / 14P
   36-75 VDC Input; 2.5 VDC @ 25 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com