Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNW700R64 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # FNW700R64
Description  36 - 75 Vdc Input; 28Vdc Output; 700W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FNW700R64 Datasheet(HTML) 3 Page - Lineage Power Corporation

  FNW700R64 Datasheet HTML 1Page - Lineage Power Corporation FNW700R64 Datasheet HTML 2Page - Lineage Power Corporation FNW700R64 Datasheet HTML 3Page - Lineage Power Corporation FNW700R64 Datasheet HTML 4Page - Lineage Power Corporation FNW700R64 Datasheet HTML 5Page - Lineage Power Corporation FNW700R64 Datasheet HTML 6Page - Lineage Power Corporation FNW700R64 Datasheet HTML 7Page - Lineage Power Corporation FNW700R64 Datasheet HTML 8Page - Lineage Power Corporation FNW700R64 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
September 6, 2008
FNW700R Power Modules; DC-DC Converters
36 – 75 Vdc Input; 28Vdc Output; 700W Output
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=IO, max, Tc =25°C)
All
VO, set
27.5
28
28.5
Vdc
Output Voltage
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
All
VO
27.15
28.85
Vdc
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
0.05
0.2
%Vo
Load (IO=IO, min to IO, max)
All
0.05
0.2
%Vo
Temperature (Tc = -40ºC to +100ºC)
All
100
300
mV
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max)
RMS (5Hz to 20MHz bandwidth)
All
80
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
300
mVpk-pk
External Capacitance
Note: use a minimum 470uF output capacitor. If
the ambient temperature is less than -20
0C, use
more than 3 of recommended minimum
capacitors.
All
CO, max
470
1000
5000
μF
Output Current
All
IO
2
25
Adc
Output Current Limit Inception
All
IO, lim
26
29
32
Adc
Efficiency
VIN=VIN, nom, Tc=25
0C
IO=IO, max , VO= VO,set
All
η
90
%
Switching Frequency
fsw
300
kHz
Dynamic Load Response
(
ΔIO/Δt=1A/10μs; Vin=Vin,nom; Tc=25°C; Tested
with a 470 μF aluminum and a 10 µF ceramic
capacitor across the load.)
Load Change from IO= 50% to 75% of IO,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
Vpk
ts
__
3
2
__
%VO, set
ms
Load Change from IO= 75% to 50% of Io,max:
Peak Deviation
Vpk
__
3
__
%VO, set
Settling Time (Vo<10% peak deviation)
ts
2
ms
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1500
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
FIT
405.4
10
9/Hours
Calculated Reliability based upon Telcordia SR-
332 Issue 2: Method I Case 3 (IO=80%IO, max,
TA=40°C, airflow = 200 lfm, 90% confidence)
All
MTBF
2,466,797
Hours
150
g
Weight
All
(5.3)
(oz.)


Similar Part No. - FNW700R64

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNW-30 COOPER-FNW-30 Datasheet
60Kb / 2P
   Indicating Fuse Covers
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW500R64-18 LINEAGEPOWER-FNW500R64-18 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
More results

Similar Description - FNW700R64

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
SQE48T17060 BEL-SQE48T17060 Datasheet
1Mb / 13P
   36-75 VDC Input; 6.0 VDC @ 17 A Output
SSQE48T07120 BEL-SSQE48T07120 Datasheet
709Kb / 14P
   36-75 VDC Input; 12 VDC @ 7 A Output
QME48T20120 BEL-QME48T20120 Datasheet
1Mb / 15P
   36-75 VDC Input; 12 VDC @ 20 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com