Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC010A0F1-SZ Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # HC010A0F1-SZ
Description  18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HC010A0F1-SZ Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button HC010A0F1-SZ Datasheet HTML 6Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 7Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 8Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 9Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 10Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 11Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 12Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 13Page - Lineage Power Corporation HC010A0F1-SZ Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
May 16, 2008
HC006/010 Series DC-DC Power Module:
18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
LINEAGE POWER
10
Feature Descriptions (continued)
Output Voltage Programming
(continued)
Ω
⎥⎦
⎢⎣
Δ
=
k
B
A
down
Rtrim
%
Rtrim-down is the external resistor in kΩ
Δ% is the % change in output voltage
Values of A & B are provided in Table 1
Table 1
Output Voltage
(V)
A
B
3.3V
1690
73.1
5.0V
1690
73.1
Connecting an external resistor (Rtrim-up) between the
TRIM pin and the VO(+) pin increases the output voltage
set point. The relationship between the output voltage
and the trim resistor value for a Δ% increase in output
voltage is:
Ω
⎥⎦
⎢⎣
Δ
Δ
+
=
k
C
B
A
up
Rtrim
%
%
100
(
Rtrim-up is the external resistor in kΩ
Δ% is the % change in output voltage
Values of A , B and C are provided in Table 2
Table 2
Output Voltage
(V)
A
B
V
3.3
45.5
1690
73.1
5.0
69.0
1690
73.1
Examples:
To trim down the output of a nominal 5.0V module
(HC006A6A) to 4.90V
Δ% = 2
Ω
⎥⎦
⎢⎣
=
k
down
Rtrim
1
.
73
2
1690
Ω
=
k
down
Rtrim
9
.
771
To trim up the output of a nominal 3.3V module
(HC010A0F) to 3.63V
Δ% = 10
Ω
⎥⎦
⎢⎣
+
=
k
up
Rtrim
1
.
73
10
1690
)
10
100
(
5
.
45
Ω
=
k
up
Rtrim
4
.
258


Similar Part No. - HC010A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results

Similar Description - HC010A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
logo
Galaxy Power, Inc.
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Wall Industries,Inc.
DCBOA-48S05UW5 WALL-DCBOA-48S05UW5 Datasheet
274Kb / 4P
   5VDC Single Output
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Lineage Power Corporati...
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com