Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC006A6A1Z Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # HC006A6A1Z
Description  18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HC006A6A1Z Datasheet(HTML) 1 Page - Lineage Power Corporation

  HC006A6A1Z Datasheet HTML 1Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 2Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 3Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 4Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 5Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 6Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 7Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 8Page - Lineage Power Corporation HC006A6A1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
May 16, 2008
HC006/010 Series DC-DC Converter Power Modules:
18-36Vdc Input; 3.3V-5Vdc Output; 6.6A-10A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-122 ver. 1.44
PDF name: hc006-010_series_ds.pdf
Applications
Wireless Networks
Distributed power architectures
Optical and Access Network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC)
and Microprocessor powered applications
Options
Remote On/Off logic (positive or negative)
Surface Mount (-S Suffix)
Trimmed leads
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Delivers up to 10A Output current
5V (6.6A), 3.3V (10A)
High efficiency – 90% at 3.3V full load
Low Output voltage- supports migration to future IC
supply voltages down to 1.0V
Low output ripple and noise
Small Size and low profile
47.2mm x 29.5mm x
8.5mm
(1.86 x 1.16 x 0.335 in)
Surface mount or Through hole (TH)
Remote On/Off
Output overcurrent/Over voltage protection
Over temperature protection
Single Tightly regulated output
Output voltage adjustment trim
±10%
Wide operating temperature range (-40°C to 85°C)
Meets the voltage insulation requirements for ETSI
300-132-2 and complies with and is Licensed for
Basic Insulation rating per EN 60950
CE mark meets 73/23/EEC and 93/68/EEC
directives
§
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805:2001-12 (EN60950-1)
Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
The HC series power modules are isolated dc-dc converters that operate over a wide input voltage range of 18 to 36
Vdc and provide one precisely regulated output. The output is fully isolated from the input, allowing versatile polarity
configurations and grounding connections. The modules exhibit high efficiency, e.g. typical efficiency of 90%
3.3/10A, 91% at 5V/6A. Built-in filtering for both input and output minimizes the need for external filtering. These
open frame modules are available either in surface-mount (-S) or in through-hole form.
RoHS Compliant


Similar Part No. - HC006A6A1Z

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC00 SLS-HC00 Datasheet
40Kb / 4P
   Quad 2-Input NAND Gate
logo
Advanced Crystal Techno...
HC00003ABBHEPC-PE ACT-HC00003ABBHEPC-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABBHEPL-PE ACT-HC00003ABBHEPL-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABCHEPC-PE ACT-HC00003ABCHEPC-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABCHEPL-PE ACT-HC00003ABCHEPL-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
More results

Similar Description - HC006A6A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
logo
Galaxy Power, Inc.
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Wall Industries,Inc.
DCBOA-48S05UW5 WALL-DCBOA-48S05UW5 Datasheet
274Kb / 4P
   5VDC Single Output
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Lineage Power Corporati...
AXA010A0X3-SR LINEAGEPOWER-AXA010A0X3-SR Datasheet
589Kb / 20P
   10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com