Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JHW350R1 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # JHW350R1
Description  18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JHW350R1 Datasheet(HTML) 2 Page - Lineage Power Corporation

  JHW350R1 Datasheet HTML 1Page - Lineage Power Corporation JHW350R1 Datasheet HTML 2Page - Lineage Power Corporation JHW350R1 Datasheet HTML 3Page - Lineage Power Corporation JHW350R1 Datasheet HTML 4Page - Lineage Power Corporation JHW350R1 Datasheet HTML 5Page - Lineage Power Corporation JHW350R1 Datasheet HTML 6Page - Lineage Power Corporation JHW350R1 Datasheet HTML 7Page - Lineage Power Corporation JHW350R1 Datasheet HTML 8Page - Lineage Power Corporation JHW350R1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet
March 26, 2008
JHC/JHW350 Power Module; dc-dc Converter
18 – 36Vdc or 36 – 75Vdc Input; 28Vdc Output; 350W
LINEAGE POWER.
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
JHC
VIN
-0.3
40
Vdc
Continuous
JHW
VIN
-0.3
80
Vdc
Transient (100ms)
JHC
VIN, trans
-0.3
50
Vdc
Transient (100ms)
JHW
VIN, trans
-0.3
100
Vdc
Operating Ambient Temperature
(See Thermal Considerations section)
All
Tc
-40
100
°C
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage
All
1500
Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
JHC
VIN
18
24
36
Vdc
JHW
VIN
36
48
75
Vdc
Maximum Input Current
JHC
IIN,max
23
Adc
(VIN=0V to 36V, IO=IO, max)/(VIN=0V to 75V, IO=IO, max)
JHW
IIN,max
11
Adc
Inrush Transient
All
I
2t
2
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=0V to
75V, IO= IOmax ; see Figure 13)
All
7
15
mAp-p
Input Ripple Rejection (120Hz)
All
60
dB
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included,
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies
require a fast-acting fuse with a maximum rating of 20A for JHW series and 30A for JHC series(see Safety
Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc
input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data sheet for
further information.


Similar Part No. - JHW350R1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
JHW250S30R21-18TZ LINEAGEPOWER-JHW250S30R21-18TZ Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
More results

Similar Description - JHW350R1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
HW004A0A-S LINEAGEPOWER-HW004A0A-S Datasheet
646Kb / 28P
   18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
   36??5 Vdc Input; 28Vdc Output; 16Adc Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com