Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HW005A0F1 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # HW005A0F1
Description  18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HW005A0F1 Datasheet(HTML) 1 Page - Lineage Power Corporation

  HW005A0F1 Datasheet HTML 1Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 2Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 3Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 4Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 5Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 6Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 7Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 8Page - Lineage Power Corporation HW005A0F1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
May 16, 2008
HW/HC004/005/006 Series DC-DC Converter Power Modules:
18-36V & 36-75Vdc Input; 1.0V-5Vdc Output; 4A-6A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-017 ver.1.21
PDF No: hw-hc_4-6a.pdf
Applications
Wireless Networks
Distributed power architectures
Optical and Access Network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC)
and Microprocessor powered applications
Options
Remote On/Off logic (positive or negative)
Surface Mount (-S Suffix)
Additional Vout+ pin (-3 Suffix)
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Delivers up to 6A Output current
5V (4A), 3.3V (5A), 2.5V – 1.0V (6A each)
High efficiency – 89% at 5.0V full load
Low Output voltage- supports migration to future IC
supply voltages down to 1.0V
Low output ripple and noise
Small Size and low profile
47.2mm x 29.5mm x
8.5mm
(1.86 x 1.16 x 0.335 in)
Surface mount or Through hole (TH)
Remote On/Off
Output overcurrent/Over voltage protection
Over temperature protection
Single Tightly regulated output
Output voltage adjustment trim
±10%
Wide operating temperature range (-40°C to 85°C)
Meets the voltage insulation requirements for ETSI
300-132-2 and complies with and is Licensed for
Basic Insulation rating per EN 60950
CE mark meets 73/23/EEC and 93/68/EEC
directives
§
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805:2001-12 (EN60950-1)
Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
The HW/HC series power modules are isolated dc-dc converters that operate over a wide input voltage range of 18
to 36 Vdc (HC) or 36 to 75 Vdc (HW) and provide one precisely regulated output. The output is fully isolated from
the input, allowing versatile polarity configurations and grounding connections. The modules exhibit high efficiency,
e.g. typical efficiency of 87% 3.3V/5A, 86% at 2.5V/6A. Built-in filtering for both input and output minimizes the need
for external filtering. These open frame modules are available either in surface-mount (-S) or in through-hole form.
RoHS Compliant


Similar Part No. - HW005A0F1

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
HW005M NJSEMI-HW005M Datasheet
93Kb / 1P
   1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - HW005A0F1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com