Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5406 Datasheet(PDF) 2 Page - Transys Electronics

Part # 1N5406
Description  HIGH CURRENT PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N5406 Datasheet(HTML) 2 Page - Transys Electronics

  1N5406 Datasheet HTML 1Page - Transys Electronics 1N5406 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N5406

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5406 MOTOROLA-1N5406 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Rugao Dachang Electroni...
1N5406 DACHANG-1N5406 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
Pan Jit International I...
1N5406 PANJIT-1N5406 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yangzhou yangjie electr...
1N5406 YANGJIE-1N5406 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
SeCoS Halbleitertechnol...
1N5406 SECOS-1N5406 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
More results

Similar Description - 1N5406

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
AR-ARS350X HORNBY-AR-ARS350X Datasheet
230Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS250X HORNBY-AR-ARS250X Datasheet
231Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
10A05 KISEMICONDUCTOR-10A05 Datasheet
66Kb / 2P
   CURRENT: PLASTIC SILICON RECTIFIER
logo
General Semiconductor
GI750 GE-GI750 Datasheet
38Kb / 2P
   HIGH CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
GI756-E373 VISHAY-GI756-E373 Datasheet
79Kb / 4P
   High Current Axial Plastic Rectifier
Revision: 01-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com