Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRW065A0Y1 Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # JRW065A0Y1
Description  36-75Vdc Input; 1.2Vdc to 12Vdc Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRW065A0Y1 Datasheet(HTML) 4 Page - Lineage Power Corporation

  JRW065A0Y1 Datasheet HTML 1Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 2Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 3Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 4Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 5Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 6Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 7Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 8Page - Lineage Power Corporation JRW065A0Y1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
July 21, 2008
JRW017-070 Series Power Modules DC-DC Converters
36-75Vdc Input; 1.2Vdc to 12Vdc Output
LINEAGE POWER
4
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Efficiency
P
η
84
%
(VIN=VIN,nom, IO=IO, max, VO= VO,set TA=25°C)
M
86
%
Y
87
%
G
90
%
F
91
%
A
92
%
B
92
%
Switching Frequency
fsw
300
kHz
Dynamic Load Response
(
ΔIo/Δt=1A/10μs; Vin=Vin,nom; TA=25°C;
Tested with a 10 μF aluminum and a 1.0
μF tantalum capacitor across the load.)
Load Change from Io= 50% to 75% of
Io,max:
Peak Deviation
P,M,Y,G
Vpk
6
%VO, set
Settling Time (Vo<10% peak deviation)
ts
300
μs
F,A
Vpk
4
%VO, set
ts
300
μs
B
Vpk
3
%VO, set
ts
500
μs
Load Change from Io= 75% to 50% of
Io,max:
Peak Deviation
P,M,Y,G
Vpk
6
%VO, set
Settling Time (Vo<10% peak deviation)
ts
300
μs
F,A
Vpk
4
%VO, set
ts
300
μs
B
Vpk
3
%VO, set
ts
500
μs
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
CISO
2700
pF
Isolation Resistance
RISO
10
MΩ
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO= 80% of IO, max, TA=40°C, airflow=1m/s (400LFM)
1,363,000
Hours
Weight
60.3 (2.1)
g (oz.)


Similar Part No. - JRW065A0Y1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
logo
jb Capacitors Company
JRW JBCAPACITORS-JRW Datasheet
444Kb / 5P
   Radial Aluminum Electrolytic Capacitor
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
JRW24D12-420 WALL-JRW24D12-420 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JRW24D12-420 WALL-JRW24D12-420 Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JRW065A0Y1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com