Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC005A0F1-SZ Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # HC005A0F1-SZ
Description  18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

HC005A0F1-SZ Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button HC005A0F1-SZ Datasheet HTML 3Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 4Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 5Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 6Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 7Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 8Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 9Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 10Page - Lineage Power Corporation HC005A0F1-SZ Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
May 16, 2008
HW/HC004/005/006 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 1.0V-5Vdc Output; 4A - 6A Output Current
LINEAGE POWER
7
Characteristic Curves (continued)
The following figures provide typical characteristics for the HW005A0F (3.3V, 5A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
90
0
123
4
5
VI = 36V
VI = 54V
VI = 75V
0
1
2
3
4
5
6
0
10
20
30
40506070
80
90
100
110
3.0 m/s (600 ft./min.)
2.0 m/s (400 ft./min.)
1.0 m/s (200 ft./min.)
NATURAL CONVECTION
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 7. Converter Efficiency versus Output Current
Figure 10. Derating Output Current versus Local
Ambient Temperature and Airflow
TIME, t (1
μs/div)
TIME, t (20ms/div)
Figure 8. Typical Output Ripple and Noise.
Figure 11. Typical Start-Up with application of Vin.
TIME, t (50
μs/div)
TIME, t (20ms/div)
Figure 9. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
Figure 12. Typical Start-Up Using Remote On/Off,
negative logic version shown.


Similar Part No. - HC005A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC00 SLS-HC00 Datasheet
40Kb / 4P
   Quad 2-Input NAND Gate
logo
Advanced Crystal Techno...
HC00003ABBHEPC-PE ACT-HC00003ABBHEPC-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABBHEPL-PE ACT-HC00003ABBHEPL-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABCHEPC-PE ACT-HC00003ABCHEPC-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
HC00003ABCHEPL-PE ACT-HC00003ABCHEPL-PE Datasheet
178Kb / 2P
   Clock oscillator
01/02/2017
More results

Similar Description - HC005A0F1-SZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
HC010A0F1-S LINEAGEPOWER-HC010A0F1-S Datasheet
520Kb / 19P
   18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com