Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXB030X43-SR Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # AXB030X43-SR
Description  18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXB030X43-SR Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button AXB030X43-SR Datasheet HTML 4Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 5Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 6Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 7Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 8Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 9Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 10Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 11Page - Lineage Power Corporation AXB030X43-SR Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
June 16, 2009
Austin LynxTM 24V: Non-isolated Power Modules:
18/20– 30Vdc input; 3.0 – 6.0Vdc & 5.0 – 15.0Vdc Output; 30& 50W
LINEAGE POWER
8
Characteristic Curves (continued)
The following figures provide typical characteristics for the AXB050X module at 12V, 4A and 25
oC.
70
75
80
85
90
95
100
01
23
4
Vin=30V
Vin=24V
Vin=20V
0
1
2
3
4
5
20
30
40
50
60
70
80
90
100
NC
100 lfm
(0.5m/s)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 13. Converter Efficiency versus Output
Current.
Figure 16. Derating Output Current versus Local
Ambient Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (2ms/div)
Figure 14. Typical output ripple and noise (VIN =
VIN,NOM, Io = Io,max).
Figure 17. Typical Start-up Using Remote On/Off (VIN
= VIN,NOM, Io = Io,max).
TIME, t (10
μs /div)
TIME, t (2ms/div)
F
igure 15. Transient Response to Dynamic Load
change from 50% to 100% of full load with di/dt of
5A/
μs.
Figure 18. Typical Start-up Using Input Voltage (VIN
= 20V, Io = Io,max).


Similar Part No. - AXB030X43-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
   20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
More results

Similar Description - AXB030X43-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
   20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
logo
Emerson Network Power
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
GAPTEC Electronic GmbH ...
50QBTW12 GAPTEC-50QBTW12 Datasheet
2Mb / 3P
   50W - Single Output - Wide Input - Isolated & Regulated
50DAW GAPTEC-50DAW Datasheet
962Kb / 4P
   50W - Single Output - Wide Input - Isolated & Regulated
logo
AAEON Technology
PCM-P50 AAEON-PCM-P50 Datasheet
431Kb / 1P
   50W Output, 6V to 40V DC Input Range
logo
Qorvo, Inc
QPA9124 QORVO-QPA9124 Datasheet
1Mb / 12P
   3.0 ??5.0 GHz 100 Differential Output Gain Block
logo
Lineage Power Corporati...
CPKW002A0C LINEAGEPOWER-CPKW002A0C Datasheet
252Kb / 14P
   Power Module; dc-dc Converter 36-75 Vdc Input; 15.0Vdc 2.0A Output
logo
DENSEI-LAMBDA
LWT15H LAMBDA-LWT15H Datasheet
91Kb / 2P
   Triple output 17W ~ 50W
logo
Vicor Corporation
PI3106 VICOR-PI3106_01 Datasheet
551Kb / 15P
   18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com