Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JRW040A0A1Z Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # JRW040A0A1Z
Description  36-75Vdc Input; 1.2Vdc to 12Vdc Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRW040A0A1Z Datasheet(HTML) 5 Page - Lineage Power Corporation

  JRW040A0A1Z Datasheet HTML 1Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 2Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 3Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 4Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 5Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 6Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 7Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 8Page - Lineage Power Corporation JRW040A0A1Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
July 21, 2008
JRW017-070 Series Power Modules DC-DC Converters
36-75Vdc Input; 1.2Vdc to 12Vdc Output
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal interface
(VI = VI,min to VI, max; Open collector or equivalent
Compatible, signal referenced to VI (-) terminal)
Negative Logic: device code suffix “1”
Logic Low=module On, Logic High=Module Off
Positive Logic: No device code suffix required
Logic Low=module Off, Logic High=Module On
Logic Low Specification
Remote On/Off Current-Logic Low
All
Ion/Off
0.15
1.0
mA
On/Off Voltage:
Logic Low
All
Von/Off
0.0
1.2
V
Logic High (Typ=Open Collector)
All
Von/Off
15
V
Logic High maximum allowable leakage current
All
Ion/Off
50
μA
Turn-On Delay and Rise Times
(IO=IO, max)
Tdelay = Time until VO = 10% of VO,set from either
P
Tdelay
2
msec
application of Vin with Remote On/Off set to On or
M
2
msec
operation of Remote On/Off from Off to On with Vin
Y
2
msec
already applied for at least one second.
G
5
msec
F
2
msec
A
2.5
msec
B
2.5
msec
Trise = time for VO to rise from 10% of VO,set to 90%
of VO,set.
P
Trise
1
msec
M
1
msec
Y
1
msec
G
3
msec
F
1
msec
A
1
msec
B
1
msec
Output voltage adjustment range (TRIM)
Output Voltage Remote sense range
Vsense
10
% VO, nom
Output Voltage Set-point Adjustment range
80
110
% VO, nom
Output Over voltage protection
P
VOovsd
1.4
1.6
Vdc
M
1.8
2.2
Vdc
Y
2.3
2.6
Vdc
G
2.9
3.4
Vdc
F
3.8
4.6
Vdc
A
5.7
6.5
Vdc
B
14
16
Vdc
Over temperature Protection
All
Tref
127
°C
Input Undervoltage Lockout
Vin, OVLO
Turn-on Threshold
34.5
36
V
Turn-off Threshold
30
32.5
V


Similar Part No. - JRW040A0A1Z

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
logo
jb Capacitors Company
JRW JBCAPACITORS-JRW Datasheet
444Kb / 5P
   Radial Aluminum Electrolytic Capacitor
logo
Wall Industries,Inc.
JRW WALL-JRW Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
JRW24D12-420 WALL-JRW24D12-420 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JRW24D12-420 WALL-JRW24D12-420 Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
More results

Similar Description - JRW040A0A1Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
logo
Lineage Power Corporati...
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
ESTW006A0B LINEAGEPOWER-ESTW006A0B Datasheet
1Mb / 18P
   36 - 75Vdc Input; 12V/6Adc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com