Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXB050X43-SR Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # AXB050X43-SR
Description  18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXB050X43-SR Datasheet(HTML) 5 Page - Lineage Power Corporation

  AXB050X43-SR Datasheet HTML 1Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 2Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 3Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 4Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 5Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 6Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 7Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 8Page - Lineage Power Corporation AXB050X43-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
June 16, 2009
Austin LynxTM 24V: Non-isolated Power Modules:
18/20– 30Vdc input; 3.0 – 6.0Vdc & 5.0 – 15.0Vdc Output; 30& 50W
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal interface
(On/Off is open collector/drain logic input;
Signal referenced to GND - See feature description
section)
Device is with suffix “4” – Positive Logic
Logic High (On/Off pin open – Module ON)
Input High Current
All
IIH
10
µA
Input High Voltage
All
VIH
VIN
−2.5V
30
V
Logic Low (Module OFF)
Input Low Current
All
IIL
1
mA
Input Low Voltage
All
VIL
-0.3
1.2
V
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then
input power is applied (delay from instant at
which VIN = VIN, min until Vo = 10% of Vo, set)
All
Tdelay
2
4
8
msec
Case 2: Input power is applied for at least one second
and then the On/Off input is enabled (delay from instant
at which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
2
4
8
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
2
5
9
msec
Output voltage overshoot
3.0
% VO, set
IO = IO, max; VIN, min – VIN, max, TA = 25
oC
Remote Sense Range
0.5
V
Over temperature Protection
All
Tref
125
135
°C
(See Thermal Consideration section)
Input Undervoltage Lockout
Turn-on Threshold
AXB030
17
Vdc
AXB050
19
Vdc
Turn-off Threshold
AXB030
15
Vdc
AXB050
17
Vdc


Similar Part No. - AXB050X43-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
   20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
More results

Similar Description - AXB050X43-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
   20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
logo
Emerson Network Power
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
GAPTEC Electronic GmbH ...
50QBTW12 GAPTEC-50QBTW12 Datasheet
2Mb / 3P
   50W - Single Output - Wide Input - Isolated & Regulated
50DAW GAPTEC-50DAW Datasheet
962Kb / 4P
   50W - Single Output - Wide Input - Isolated & Regulated
logo
AAEON Technology
PCM-P50 AAEON-PCM-P50 Datasheet
431Kb / 1P
   50W Output, 6V to 40V DC Input Range
logo
Qorvo, Inc
QPA9124 QORVO-QPA9124 Datasheet
1Mb / 12P
   3.0 ??5.0 GHz 100 Differential Output Gain Block
logo
Lineage Power Corporati...
CPKW002A0C LINEAGEPOWER-CPKW002A0C Datasheet
252Kb / 14P
   Power Module; dc-dc Converter 36-75 Vdc Input; 15.0Vdc 2.0A Output
logo
DENSEI-LAMBDA
LWT15H LAMBDA-LWT15H Datasheet
91Kb / 2P
   Triple output 17W ~ 50W
logo
Vicor Corporation
PI3106 VICOR-PI3106_01 Datasheet
551Kb / 15P
   18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com