Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-1710-L Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-1710-L
Description  100 kS/s, 12-bit, 16-ch PCI Multifunction Card
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-1710-L Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-1710-L Datasheet HTML 1Page - Advantech Co., Ltd. PCI-1710-L Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Acquisition Boards
Features
Specifications
Analog Input
Channels
16 single-ended/ 8 differential (software programmable)
Resolution
12 bits
FIFO Size
4,096 samples
Overvoltage Protection 30Vp-p
Input Impedance
1 G
W
Sampling Modes
Software, onboard programmable pacer and external
Input Range
(V, software programmable)
PCI-1710/1710L
Gain
0.5
1
2
4
8
Bipolar
±10
±5
±2.5
±1.25
±0.625
Unipolar
N/A
0 ~ 10
0 ~ 5
0 ~ 2.5
0 ~ 1.25
Accuracy
(% of FSR ±1LSB)
0.1
0.1
0.2
0.2
0.4
PCI-1710HG/1710HGL
Gain
0.5
1
5
10
50
100
500
1000
Bipolar
±10
±5
±1
±0.5
±0.1
±0.05
±0.01
±0.005
Unipolar
N/A
0 ~ 10
N/A
0 ~ 1
N/A
0 ~ 0.1
N/A
0 ~ 0.01
Accuracy
(% of FSR ±1LSB)
0.1
0.1
0.2
0.2
0.4
0.4
0.8
0.8
Maximum Sampling Rate
(S/s, depending on PGIA setting time)
Model
Gain
Max. Sampling Rate
PCI-1710/1710L
0.5, 1, 2, 4, 8
100 kS/s
PCI-1710HG/1710HGL
0.5, 1
100 kS/s
5, 10
35 kS/s
20, 100
7 kS/s
500, 1000
770 S/s
Analog Output (PCI-1710/1710HG only)
Channels
2
Resolution
12 bits
Output Rate
Static update
Output Range
(V, software programmable)
PCI-1710/L
PCI-1710HG/HGL
16-ch single-ended or 8-ch differential or a combination of analog input
12-bit A/D converter, with up to 100 kHz sampling rate
Programmable gain
Automatic channel/gain scanning
Onboard FIFO memory (4,096 samples)
Two 12-bit analog output channels (PCI-1710/1710HG only)
16-ch digital input and 16-ch digital output
Onboard programmable counter
BoardID™ switch
100 kS/s, 12-bit, 16-ch PCI
Multifunction Card
100 kS/s, 12-bit, 16-ch PCI
Multifunction Card with High Gain
Internal Reference
Unipolar
0 ~ +5
0 ~ +10 V
External Reference
0 ~ +x V @ -x V (-10
≤ x ≤ 10)
Slew Rate
10 V/µs
Driving Capability
3 mA
Operation Mode
Software polling
Accuracy
INLE: ±1 LSB, DNLE: ±1 LSB
Digital Input
Channels
16
Compatibility
5 V/TTL
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Digital Output
Channels
16
Compatibility
5 V/TTL
Output Voltage
Logic 0: 0.4 V max.
Logic 1: 2.4 V min.
Output Capability
Sink: 8.0 mA @ 0.8 V
Source: -0.4 mA @ 2.0 V
Pacer/Counter
Channels
1
Resolution
16 bits
Compatibility
5 V/TTL
Max. Input Frequency 1 MHz
Introduction
The PCI-1710 Series are multifunction cards for the PCI bus. Their advanced circuit design provides higher quality and more functions, including the five most desired measurement
and control functions: 12-bit A/D conversion, D/A conversion, digital input, digital output, and counter/timer.
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCI-1710-L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1710 ADVANTECH-PCI-1710 Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1710HG ADVANTECH-PCI-1710HG Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1710HGL ADVANTECH-PCI-1710HGL Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1710L ADVANTECH-PCI-1710L Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
More results

Similar Description - PCI-1710-L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1710 ADVANTECH-PCI-1710 Datasheet
648Kb / 2P
   100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1718HDU ADVANTECH-PCI-1718HDU Datasheet
574Kb / 2P
   100 kS/s, 12-bit, 16-ch Universal PCI Multifunction Card
PCI-1711 ADVANTECH-PCI-1711 Datasheet
643Kb / 2P
   Entry-level 100 kS/s, 12-bit, 16-ch PCI Multifunction Card
PCI-1711U ADVANTECH-PCI-1711U_15 Datasheet
209Kb / 1P
   100 kS/s, 12-bit, 16-ch Universal PCI Multifunction DAQ Card
PCL-818HD ADVANTECH-PCL-818HD Datasheet
589Kb / 2P
   100 kS/s, 12-bit, 16-ch ISA Multifunction Card
PCI-1716 ADVANTECH-PCI-1716 Datasheet
457Kb / 2P
   250 kS/s, 16-bit, 16-ch PCI Multifunction Card
PCM-3810I ADVANTECH-PCM-3810I_14 Datasheet
449Kb / 1P
   250 kS/s, 12-bit, 16-ch Multifunction PCI-104 Module
PCI-1716 ADVANTECH-PCI-1716_15 Datasheet
223Kb / 1P
   250 kS/s, 16-bit, 16-ch PCI Multifunction DAQ Card
PCI-1741U ADVANTECH-PCI-1741U_15 Datasheet
206Kb / 1P
   200 kS/s, 16-bit, 16-ch Universal PCI Multifunction Card
PCI-1741U ADVANTECH-PCI-1741U Datasheet
748Kb / 2P
   200 kS/s, 16-bit, 16-ch Universal PCI Multifunction Card
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com