Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW015A0F41Z Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # KW015A0F41Z
Description  36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KW015A0F41Z Datasheet(HTML) 5 Page - Lineage Power Corporation

  KW015A0F41Z Datasheet HTML 1Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 2Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 3Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 4Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 5Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 6Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 7Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 8Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
March 26, 2008
KW010/015/020/025 Series Power Modules:
36 – 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to VIN- terminal)
Negative Logic: device code suffix “1”
Logic Low = module On, Logic High = module Off
Positive Logic: No device code suffix required
Logic Low = module Off, Logic High = module On
Logic Low - Remote On/Off Current
All
Ion/off
1.0
mA
Logic Low - On/Off Voltage
All
Von/off
-0.7
1.2
V
Logic High Voltage – (Typ = Open Collector)
All
Von/off
5
V
Logic High maximum allowable leakage current
All
Ion/off
10
μA
Turn-On Delay and Rise Times
(IO=IO, max , VIN=VIN, nom, TA = 25
oC)
Case 1: On/Off input is set to Logic Low (Module
ON) and then input power is applied (delay from
instant at which VIN = VIN, min until Vo=10% of Vo,set)
All
Tdelay
15
20
msec
Case 2: Input power is applied for at least 1 second
and then the On/Off input is set from OFF to ON (Tdelay =
from instant at which VIN=VIN, min until VO = 10% of VO, set).
All
Tdelay
4
10
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set)
All
Trise
8
12
msec
Output voltage Rise time (time for Vo to rise from 10%
of Vo,set to 90% of Vo, set with max ext capacitance)
All
Trise
8
12
msec
Output voltage overshoot – Startup
3
% VO, set
IO= IO, max; VIN=VIN, min to VIN, max, TA = 25
oC
Remote Sense Range
A, F, G
+10
% VO, set
Y, M, P
0.25
Vdc
Output Overvoltage Protection
A
VO, limit
6.1
7.0
Vdc
F
VO, limit
4.0
4.6
Vdc
G
VO, limit
3.1
3.7
Vdc
Y
VO, limit
2.3
3.2
Vdc
M
VO, limit
2.3
3.2
Vdc
P
VO, limit
2.0
2.8
Vdc
Input Undervoltage Lockout
Turn-on Threshold
All
Vuv/on
35
36
Vdc
Turn-off Threshold
All
Vuv/off
32
33
Vdc
Hysterisis
All
Vhyst
2
Vdc


Similar Part No. - KW015A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
KW010A0F41-SRZ LINEAGEPOWER-KW010A0F41-SRZ Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
More results

Similar Description - KW015A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com