Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW015A0F41Z Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # KW015A0F41Z
Description  36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KW015A0F41Z Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button KW015A0F41Z Datasheet HTML 5Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 6Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 7Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 8Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 9Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 10Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 11Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 12Page - Lineage Power Corporation KW015A0F41Z Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
March 26, 2008
KW010/015/020/025 Series Power Modules:
36 – 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
LINEAGE POWER
9
Characteristic Curves (continued)
The following figures provide typical characteristics for the KW025A0Y (1.8V, 25A) at 25
oC. The figures are identical
for either positive or negative remote On/Off logic.
72
75
78
81
84
87
90
93
0
5
10
15
20
25
VIN = 75V
VIN = 48V
VIN = 36V
10
15
20
25
30
20
30
40
50
60
70
80
90
2.0 m/s
(400 lfm)
1.0 m/s
(200 lfm)
0.5 m/s
(100 lfm)
NC
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 19. Converter Efficiency versus Output
Current.
Figure 22. Derating Output Current versus Local
Ambient Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (5ms/div)
Figure 20. Typical output ripple and noise (VIN =
VIN,NOM, Io = Io,max).
Figure 23. Typical Start-up Using Remote On/Off,
negative logic version shown (VIN = VIN,NOM, Io =
Io,max).
TIME, t (1ms/div)
TIME, t (5ms/div)
Figure 21. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
Figure 24. Typical Start-up Using Input Voltage (VIN
= VIN,NOM, Io = Io,max).


Similar Part No. - KW015A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
KW010A0F41-SRZ LINEAGEPOWER-KW010A0F41-SRZ Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
More results

Similar Description - KW015A0F41Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com