Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW020A0G1-SRZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # KW020A0G1-SRZ
Description  36 - 75Vdc Input; 1.2 to 5.0Vdc Output; 10 to 25A Output current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

KW020A0G1-SRZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  KW020A0G1-SRZ Datasheet HTML 1Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 2Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 3Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 4Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 5Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 6Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 7Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 8Page - Lineage Power Corporation KW020A0G1-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
March 26, 2008
KW010/015/020/025 (Sixteenth-Brick) Power Modules:
36 –75Vdc Input; 1.2Vdc to 5.0Vdc Output;10A to 25A Output Current
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-use equipment. All of the required procedures of end-use equipment should be followed
** ISO is a registered trademark of the International Organization of Standards
Document No: DS04-045 ver. 1.05
PDF name: kw010-015-020-025_ds.pdf
Applications
Distributed power architectures
Wireless networks
Access and optical network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC) and
Microprocessor powered applications
Options
Negative Remote On/Off logic
Surface Mount (Tape and Reel, -SR Suffix)
Over current/Over temperature/Over voltage
protections (auto-restart)
Shorter lead trim
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to RoHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Delivers up to 25A output current
5V(10A), 3.3V(15A), 2.5V(20A), 1.8V-1.2V(25A)
High efficiency – 91% at 3.3V full load
Small size and low profile:
33.0 mm x 22.9 mm x 8.5 mm
(1.30 in x 0.9 in x 0.335 in)
Industry standard DOSA footprint
-20% to +10% output voltage adjustment trim
Remote On/Off
Remote Sense
No reverse current during output shutdown
Over temperature protection (latching)
Output overcurrent/overvoltage protection
(latching)
Wide operating temperature range (-40°C to 85°C)
Meets the voltage isolation requirements for
ETSI 300-132-2 and complies with and is licensed
for Basic Insulation rating per EN60950-1
UL* 60950-1Recognized, CSA
C22.2 No.
60950-1-03 Certified, and VDE
0805 (IEC60950
3
rd Edition) Licensed
CE mark meets 2006/95/EC directive
§
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Description
The KW (Sixteenth-brick) series power modules are isolated dc-dc converters that operate over a wide input voltage
range of 36 to 75Vdc and provide a single precisely regulated output. The output is fully isolated from the input,
allowing versatile polarity configurations and grounding connections. The modules exhibit high efficiency, typical
efficiency of 91% for 3.3V/15A. These open frame modules are available either in surface-mount (-SR) or in
through-hole (TH) form.
RoHS Compliant


Similar Part No. - KW020A0G1-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KW006A0A41-SR LINEAGEPOWER-KW006A0A41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
KW006A0A41-SRZ LINEAGEPOWER-KW006A0A41-SRZ Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
KW010A0F41-SRZ LINEAGEPOWER-KW010A0F41-SRZ Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
logo
Alpha Wire
KW0300113 ALPHAWIRE-KW0300113 Datasheet
136Kb / 2P
   Mini Female 7/8??90 Degree
More results

Similar Description - KW020A0G1-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
KW010A0F41-SR LINEAGEPOWER-KW010A0F41-SR Datasheet
488Kb / 16P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 6 to 10A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
EQW025A0P1 LINEAGEPOWER-EQW025A0P1 Datasheet
881Kb / 25P
   36 - 75Vdc Input; 1.2Vdc to 5Vdc Output; 12A to 25A Output
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
QPW025A0F41 LINEAGEPOWER-QPW025A0F41 Datasheet
577Kb / 14P
   36-75Vdc Input; 3.3Vdc Output Voltage; 25A Output Current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com