Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41888C8277M008 Datasheet(PDF) 10 Page - EPCOS

Part # B41888C8277M008
Description  Aluminum electrolytic capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41888C8277M008 Datasheet(HTML) 10 Page - EPCOS

Back Button B41888C8277M008 Datasheet HTML 6Page - EPCOS B41888C8277M008 Datasheet HTML 7Page - EPCOS B41888C8277M008 Datasheet HTML 8Page - EPCOS B41888C8277M008 Datasheet HTML 9Page - EPCOS B41888C8277M008 Datasheet HTML 10Page - EPCOS B41888C8277M008 Datasheet HTML 11Page - EPCOS B41888C8277M008 Datasheet HTML 12Page - EPCOS B41888C8277M008 Datasheet HTML 13Page - EPCOS B41888C8277M008 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm, excluding 12.5 × 40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm, excluding 12.5 × 40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 35 V DC
150
8
× 11.5 1.630
1.011
0.204
0.183
690
966
B41888C7157M***
180
10
× 12.5 0.928
0.842
0.116
0.101
900
1260
B41888C7187M***
220
10
× 12.5 0.930
0.689
0.116
0.101
900
1260
B41888C7227M***
270
10
× 12.5 0.928
0.561
0.116
0.101
900
1260
B41888C7277M***
330
10
× 16
0.516
0.459
0.064
0.059
1240
1736
B41888C7337M***
470
10
× 20
0.403
0.323
0.050
0.046
1500
2100
B41888C7477M***
560
10
× 20
0.400
0.271
0.050
0.046
1500
2100
B41888C7567M***
680
10
× 20
0.400
0.223
0.050
0.046
1500
2100
B41888D7687M***
820
12.5
× 20
0.328
0.185
0.041
0.039
2000
2800
B41888C7827M***
1000
12.5
× 25
0.237
0.152
0.030
0.027
2459
3442
B41888C7108M***
1200
16
× 20
0.233
0.126
0.029
0.026
2530
3542
B41888C7128M***
1800
12.5
× 40
0.149
0.084
0.019
0.017
3350
4690
B41888C7188M***
1800
16
× 25
0.190
0.084
0.024
0.022
2930
4102
B41888D7188M***
1800
18
× 20
0.226
0.084
0.028
0.025
3000
4200
B41888E7188M***
2200
16
× 31.5 0.154
0.080
0.019
0.017
3600
5040
B41888C7228M***
2200
18
× 25
0.188
0.080
0.023
0.021
3200
4480
B41888D7228M***
2700
16
× 31.5 0.152
0.065
0.019
0.017
3600
5040
B41888D7278M***
3300
18
× 31.5 0.144
0.061
0.018
0.016
4247
5946
B41888D7338M***
3900
18
× 35
0.120
0.052
0.015
0.014
4300
6020
B41888D7398M***
4700
18
× 40
0.104
0.048
0.013
0.012
5327
7458
B41888C7478M***
B41888
Extended useful life
105
°C
Page 10 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41888C8277M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41888C8277M001 EPCOS-B41888C8277M001 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
B41888C8277M002 EPCOS-B41888C8277M002 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
More results

Similar Description - B41888C8277M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com